Electronic Components Datasheet Search
  English  ▼

X  

DCD010 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DCD010
Description  Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCD010 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DCD010 Datasheet HTML 1Page - Sanyo Semicon Device DCD010 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DCD010
No.6517-1/2
Features
•
Rectifier applications.
•
Ideally suited for use in hybrid ICs because of
very small-sized package.
•
Small interterminal capacitance.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
20
V
Reverse Voltage
VR
20
V
Peak Forward Current
IFM
200
mA
Average Rectified Current
IO
100
mA
Surge Current
IFSM
(1
µs)
300
mA
Allowable Power Dissipation
P
200
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=10mA
1.0
V
Reverse Current
IR1
VR=15V
0.1
µA
Interterminal Capacitance
C
VR=6V, f=1MHz
4.0
pF
Note) VF and IR are values per element.
C is the value for two elements.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6517
DCD010
Package Dimensions
unit : mm
1251A
[DCD010]
42000 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Epitaxial Planar Type
Diodes
12
3
1 : Anode
2 : Cathode
3 : Cathode / Anode
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
1 : Anode
2 : Cathode
3 : Cathode / Anode
SANYO : CP


Similar Part No. - DCD010

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCD24AP120T320A50 VICOR-DCD24AP120T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
DCD24AP150T320A50 VICOR-DCD24AP150T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
DCD24AP280T320A50 VICOR-DCD24AP280T320A50 Datasheet
2Mb / 25P
DCM DC-DC Converter
DCD24AP360T320A50 VICOR-DCD24AP360T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
DCD24AP480T320A50 VICOR-DCD24AP480T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
More results

Similar Description - DCD010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF546 TOSHIBA-DF546 Datasheet
84Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
logo
Rohm
UMD3 ROHM-UMD3 Datasheet
44Kb / 1P
Diodes
logo
Diodes Incorporated
1S955 DIODES-1S955 Datasheet
54Kb / 1P
DIODES
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
Schottky Diodes Plastic-Encapsulate Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com