Electronic Components Datasheet Search
  English  ▼

X  

DCF015 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DCF015
Description  High-Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCF015 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DCF015 Datasheet HTML 1Page - Sanyo Semicon Device DCF015 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/4059MO/N258TA, TS No.2821-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2821A
DCF015
Silicon Epitaxial Planar Type (Anode Common)
High-Speed Switching Diode
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1196
[DCF015]
Electrical Characteristics at Ta = 25˚C
Features
· Very small-sized package permitting DCF015-
applied sets to be made small and slim.
· Fast switching speed.
· Twin type, anode common.
˚C
˚C
C:Cathode
A:Anode
SANYO:MCP
Reverse Recovery Time Test Circuit
Electrical Connection
(Top view)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
e
g
r
u
SI
M
S
F
s
µ
1
4A
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
g
n
i
t
a
r
t
i
n
U
0
0
1A
m
g
n
i
t
a
r
l
a
t
o
T
0
5
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI M
F
g
n
i
t
a
r
t
i
n
U
0
0
3A
m
g
n
i
t
a
r
l
a
t
o
t
0
5
4A
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FV 1
F
IF
A
m
0
1
=2
7
.
00
.
1V
IF
A
m
0
5
=2
8
.
00
.
1V
IF
A
m
0
0
1
=8
8
.
02
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
IR
VR
V
0
5
=
0
0
1A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=5
.
49
F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF
V
,
A
m
0
1
=
R
R
,
V
6
=
L
0
5
=
Ω I
, r
r
p
r
I
1
.
0
=8
s
n


Similar Part No. - DCF015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCF010 SANYO-DCF010 Datasheet
49Kb / 2P
Ultrahigh-Speed Switching Diode
logo
STEGO Elektrotechnik Gm...
DCF010 STEGO-DCF010 Datasheet
1Mb / 1P
ELECTRONIC HYGROSTAT – DC LINE
15.09.2023
More results

Similar Description - DCF015

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com