Electronic Components Datasheet Search
  English  ▼

X  

BSO150N03MDG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSO150N03MDG
Description  OptiMOS?? M-Series Power-MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO150N03MDG Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSO150N03MDG Datasheet HTML 1Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 2Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 3Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 4Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 5Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 6Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 7Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 8Page - Infineon Technologies AG BSO150N03MDG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSO150N03MD G
OptiMOS™3 M-Series Power-MOSFET
Features
• Dual N-channel
• Optimized for 5V driver application (Notebook, VGA, POL)
• Low FOMSW for High Frequency SMPS
• 100% Avalanche tested
• Very low on-resistance R DS(on) @ V GS=4.5 V
• Excellent gate charge x R DS(on) product (FOM)
• Qualified for consumer level application
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
10 secs
steady state
Continuous drain current
1)
I D
V GS=10 V, T A=25 °C
9.3
8
A
V GS=10 V, T A=90 °C
6.4
5.4
V GS=4.5 V, T A=25 °C
8.4
7
V GS=4.5 V, T A=90 °C
5.8
4.9
Pulsed drain current
2)
I D,pulse
T A=25 °C
Avalanche current, single pulse
3)
I AS
T A=25 °C
Avalanche energy, single pulse
E AS
I D=9.3 A, R GS=25 Ω
mJ
Gate source voltage
V GS
V
Power dissipation
1)
P tot
T A=25 °C
2
1.4
W
Operating and storage temperature
T j, T stg
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Value
65
9.3
20
±20
-55 ... 150
Type
Package
Marking
BSO150N03MD G
PG-DSO-8
150N03MD
PG-DSO-8
V DS
30
V
R DS(on),max
V GS=10 V
15
m
Ω
V GS=4.5 V
18.2
I D
9.3
A
Product Summary
Rev.1.1
page 1
2009-11-19


Similar Part No. - BSO150N03MDG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
318Kb / 9P
OptiMOS?? Power-Transistor
Rev. 1.7 2010-05-11
BSO150N03 INFINEON-BSO150N03_10 Datasheet
318Kb / 9P
OptiMOS?? Power-Transistor
Rev. 1.7 2010-05-11
More results

Similar Description - BSO150N03MDG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC025N03MSG INFINEON-BSC025N03MSG Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.15 2009-10-22
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
BSO038N03MSCG INFINEON-BSO038N03MSCG Datasheet
334Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSO083N03MSG INFINEON-BSO083N03MSG Datasheet
318Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSZ130N03MSG INFINEON-BSZ130N03MSG Datasheet
334Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-23
BSZ050N03MSG INFINEON-BSZ050N03MSG Datasheet
501Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.7 2009-11-05
BSC090N03MSG INFINEON-BSC090N03MSG_13 Datasheet
530Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC057N03MSG INFINEON-BSC057N03MSG_13 Datasheet
531Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC050N03MSG INFINEON-BSC050N03MSG_13 Datasheet
530Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com