Electronic Components Datasheet Search
  English  ▼

X  

DCG10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DCG10
Description  High-Speed Rectifiers, High-Frequency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCG10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DCG10 Datasheet HTML 1Page - Sanyo Semicon Device DCG10 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/30195MO (KOTO) AX-8089 No.4706-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN4706
DCG10
Silicon Epitaxial Planar Type (Twin Type, Anode Common)
High-Speed Rectifiers,
High-Frequency Rectifiers
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
2V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
0
2V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
0
.
1A
IO
e
u
l
a
v
l
a
t
o
T
5
.
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI M
F
0
.
2A
I M
F
e
u
l
a
v
l
a
t
o
T
0
.
3A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Features
· Ideal for use in hybrid ICs because of small-sized
package.
˚C
˚C
1:Anode
2:Cathode
3:Anode
SANYO:PCP
(Bottom view)
Marking:PB
Package Dimensions
unit:mm
1239A
[DCG10]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IF
A
µ
0
1
=0
0
2V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF A
1
=0
.
13
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
0
2
=
0
1A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
3
=0
.
4F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF
s
µ
/
A
0
1
=
t
d
/
F
I
d
–
,
A
1
=0
90
0
3s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
1
)
a
-
j
(
h
t
R
0
0
3
2
)
a
-
j
(
h
t
R
0
0
1
˚C/W
˚C/W
Mounted on ceramic board (250mm2
×0.8mm)


Similar Part No. - DCG10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DCG100X1200NA IXYS-DCG100X1200NA Datasheet
1Mb / 6P
Ultra fast switching Zero reverse recovery
DCG10P1200HR IXYS-DCG10P1200HR Datasheet
214Kb / 6P
Ultra fast switching Zero reverse recovery Phase leg
More results

Similar Description - DCG10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
25Kb / 3P
HIGH FREQUENCY SECONDARY RECTIFIERS
Oct-1999
logo
Sanyo Semicon Device
DCH10 SANYO-DCH10 Datasheet
47Kb / 2P
High-Speed Rectifiers, High-Frequency Rectifiers
logo
List of Unclassifed Man...
RUR-D810 ETC-RUR-D810 Datasheet
64Kb / 2P
ULTRA HIGH SPEED RECTIFIERS
logo
DIOTEC Electronics Corp...
DB500P DEC-DB500P Datasheet
328Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148 Datasheet
219Kb / 2P
0.2 AMPS. High Speed Switching Rectifiers
logo
STMicroelectronics
STTH8003CY STMICROELECTRONICS-STTH8003CY_02 Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
logo
Shenzhen Luguang Electr...
LL4148 LUGUANG-LL4148 Datasheet
299Kb / 2P
0.2AMP. High Speed Switching Rectifiers
logo
Dongguan City Niuhang E...
1N4148W NIUHANG-1N4148W Datasheet
538Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
BAV19W NIUHANG-BAV19W Datasheet
214Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
BAV56 NIUHANG-BAV56 Datasheet
417Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com