Electronic Components Datasheet Search
  English  ▼

X  

TLE6240GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Maximum Ratings and Operating Conditions
Data Sheet
10
Rev.3.3, 2010-02-15
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Temperature Range
4.2.1
Operating Temperature Range
T
j
-40
–
150
°C–
4.2.2
Storage Temperature Range
T
stg
-55
–
150
°C–
Single Pulse Inductive Energy
4.2.3
Single pulse inductive Energy (internal
clamping)
E
AS
––
50
mJ
T
J = 25 °C;
I
D1-8 = 0.5 A;
I
D9-16 = 1 A
Power Dissipation
4.2.4
Power Dissipation (mounted on PCB)
P
tot
–3.3
–W
T
A = 25 °C
all Channel
active
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case (die soldered on heat
slug)1)
1) Not subject to production test, specified by design.
R
thJSp
–
0.5
1
K/W
Pv = 3W
4.3.2
Junction to ambient (see Figure 51)); all
channels active
R
thjA
–12
–
K/W
Pv = 3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com