Electronic Components Datasheet Search
  English  ▼

X  

BSP322P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP322P
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP322P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP322P Datasheet HTML 1Page - Infineon Technologies AG BSP322P Datasheet HTML 2Page - Infineon Technologies AG BSP322P Datasheet HTML 3Page - Infineon Technologies AG BSP322P Datasheet HTML 4Page - Infineon Technologies AG BSP322P Datasheet HTML 5Page - Infineon Technologies AG BSP322P Datasheet HTML 6Page - Infineon Technologies AG BSP322P Datasheet HTML 7Page - Infineon Technologies AG BSP322P Datasheet HTML 8Page - Infineon Technologies AG BSP322P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSP322P
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
280
372
pF
Output capacitance
C oss
-70
94
Reverse transfer capacitance
C rss
-34
51
Turn-on delay time
t d(on)
-
4.6
6.9
ns
Rise time
t r
-
4.3
6.5
Turn-off delay time
t d(off)
-
21.2
31.8
Fall time
t f
-
8.3
12.5
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
0.8
1.0
nC
Gate to drain charge
Q gd
-
4.3
6.4
Gate charge total
Q g
-
12.4
16.5
Gate plateau voltage
V plateau
-
2.9
-
V
Reverse Diode
Diode continuous forward current
I S
-
-
-1.0
A
Diode pulse current
I S,pulse
-
-
-4.0
Diode forward voltage
V SD
V GS=0 V, I F=-1 A,
T j=25 °C
-
0.84
1.2
V
Reverse recovery time
t rr
-47-
ns
Reverse recovery charge
Q rr
-84-
nC
2) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=-25 V,
f =1 MHz
V DD=-50 V, V GS=-
10 V, I D=-1 A, R G=6 Ω
V DD=-80 V, I D=-1 A,
V GS=0 to -10 V
V R=50 V, I F=|I S|,
di F/dt =100 A/µs
Rev 1.03
page 3
2009-02-17



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com