Electronic Components Datasheet Search
  English  ▼

X  

BSP372 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP372
Description  SIPMOS Small-Signal Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP372 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP372 Datasheet HTML 1Page - Infineon Technologies AG BSP372 Datasheet HTML 2Page - Infineon Technologies AG BSP372 Datasheet HTML 3Page - Infineon Technologies AG BSP372 Datasheet HTML 4Page - Infineon Technologies AG BSP372 Datasheet HTML 5Page - Infineon Technologies AG BSP372 Datasheet HTML 6Page - Infineon Technologies AG BSP372 Datasheet HTML 7Page - Infineon Technologies AG BSP372 Datasheet HTML 8Page - Infineon Technologies AG BSP372 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• Avalanche rated
• VGS(th) = 0.8 ...2.0 V
Pin 1
Pin 2
Pin 3
Pin 4
G
D
S
D
Type
VDS
ID
RDS(on)
Package
BSP372
100 V
1.7 A
0.31
Ω
PG-SOT223
Type
Tape and Reel Information
BSP372
L6327: 1000 pcs/reel
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TA = 28 ˚C
ID
1.7
A
DC drain current, pulsed
TA = 25 ˚C
IDpuls
6.8
Avalanche energy, single pulse
ID = 1.7 A, VDD = 25 V, RGS = 25 Ω
L
= 23.3 mH, Tj = 25 ˚C
EAS
45
mJ
Gate source voltage
VGS
± 14
V
Gate-source peak voltage,aperiodic
Vgs
± 20
Power dissipation
TA = 25 ˚C
Ptot
1.8
W
Pb-free lead plating; RoHS compliant
•
Marking
BSP372
Packaging
Non dry
• Qualified according to AEC Q101
BSP372
Rev 2.0
1
2008-03-31


Similar Part No. - BSP372

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP372 SIEMENS-BSP372 Datasheet
167Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
logo
Infineon Technologies A...
BSP372 INFINEON-BSP372 Datasheet
277Kb / 8P
SIPMOS Small-Signal Transistor
05.99
logo
Siemens Semiconductor G...
BSP372L6327 SIEMENS-BSP372L6327 Datasheet
167Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
logo
Infineon Technologies A...
BSP372N INFINEON-BSP372N Datasheet
570Kb / 9P
OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-03
logo
TECH PUBLIC Electronics...
BSP372N TECHPUBLIC-BSP372N Datasheet
1Mb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BSP372

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com