Electronic Components Datasheet Search
  English  ▼

X  

DFA08 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DFA08
Description  0.8A Power Supply Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DFA08 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DFA08 Datasheet HTML 1Page - Sanyo Semicon Device DFA08 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/92194MO 8-4314/5109TA, TS No.2790-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2790A
DFA08
Silicon Diffused Junction Type
0.8A Power Supply Rectifier
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
8
0
A
F
DE
8
0
A
F
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
20
0
4V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
d
r
a
o
b
a
n
i
m
u
l
a
n
o
d
e
t
n
u
o
m
,
e
v
a
w
e
n
i
s
z
H
0
5
→
8
.
0A
B
C
P
n
o
d
e
t
n
u
o
m
,
r
o
t
s
i
s
e
r
d
a
o
L
→
2
6
.
0A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
u
l
a
v
k
a
e
p
e
l
c
y
c
1
,
e
v
i
t
i
t
e
p
e
r
-
n
o
n
,
e
v
a
w
e
n
i
s
z
H
0
5
→
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Features
· High-speed switching use.
· Meets the requirements for automatic mounter and
permits DFA08-applied sets to be made smaller.
· Peak reverse voltage:VRM=200 to 400V.
· Average rectified current:IO=0.8A.
˚C
˚C
Reverse Recovery Time Test Circuit
Package Dimensions
unit:mm
1188
[DFA08]
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
IF
A
8
.
0
=
2
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR=V M
R
0
1A
µ
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
IF
I
,
A
1
.
0
=
R
A
3
.
0
=0
0
3s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ l
–
j
d
a
e
L
-
n
o
i
t
c
n
u
J
3
2
θ a
–
j
d
r
a
o
b
a
n
i
m
u
l
a
n
o
d
e
t
n
u
o
M
t
n
e
i
b
m
A
-
n
o
i
t
c
n
u
J
8
0
1
7
5
1
˚C/W
˚C/W
˚C/W
Mounted on PCB


Similar Part No. - DFA08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFA08S VISHAY-DFA08S Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA08S VISHAY-DFA08S Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
More results

Similar Description - DFA08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
0.8A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
0.8A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C800 WTE-B40C800_06 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HC12 GETEDZ-HC12_17 Datasheet
528Kb / 2P
0.8A 12kV-- Glass Passivated Rectifier Assembly
logo
Taiwan Semiconductor Co...
SDLW TSC-SDLW Datasheet
290Kb / 5P
0.8A, 200V - 1000V Surface Mount Rectifier
logo
Shenzhen Huazhimei Semi...
HM5817 HMSEMI-HM5817 Datasheet
356Kb / 6P
0.38A charge 0.8A discharge belt enable control power supply SOC
logo
DONGGUAN YOU FENG WEI E...
MB1M YFWDIODE-MB1M Datasheet
599Kb / 3P
0.8A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com