Electronic Components Datasheet Search
  English  ▼

X  

IP1206TRPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IP1206TRPBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206TRPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IP1206TRPBF Datasheet HTML 9Page - International Rectifier IP1206TRPBF Datasheet HTML 10Page - International Rectifier IP1206TRPBF Datasheet HTML 11Page - International Rectifier IP1206TRPBF Datasheet HTML 12Page - International Rectifier IP1206TRPBF Datasheet HTML 13Page - International Rectifier IP1206TRPBF Datasheet HTML 14Page - International Rectifier IP1206TRPBF Datasheet HTML 15Page - International Rectifier IP1206TRPBF Datasheet HTML 16Page - International Rectifier IP1206TRPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
2/26/2008
www.irf.com
13
iP1206PbF
Soft-Start (cont.)
During power up, the converter output starts at
zero and thus the voltage at Fb is about 0V. A
current (64µA) injects into the Fb pin and
generates a voltage about 1.6V (64µAx25K)
across the negative input of error amplifier, see
Fig. 10.
The magnitude of this current is inversely
proportional to the voltage at the soft-start pin.
The 28µA current source starts to charge up the
external capacitor. In the mean time, the soft-
start voltage ramps up, the current flowing into
Fb pin starts to decrease linearly and so does the
voltage at negative input of error amplifier.
When the soft-start capacitor is around 1V, the
voltage at the negative input of the error amplifier
is approximately 0.8V.
As the soft-start capacitor voltage charges up,
the current flowing into the Fb pin keeps
decreasing.
The feedback voltage increases linearly as the
injecting current decreases. The injecting current
drops to zero when soft-start voltage is around
1.8V and the output voltage goes into steady
state. Fig. 11 shows the theoretical operational
waveforms during soft-start.
The output start-up time is the time period when
soft-start capacitor voltage increases from 1V to
2V. The start-up time will be dependent on the
size of the external soft-start capacitor. The start-
up time can be estimated by:
For a given start up time, the soft-start capacitor
(nF) can be estimated as:
For normal start up the Seq pin should be pulled
high (usually can be connected to Vout3).
Fig. 10: Soft-Start circuit for iP1206
Fig. 11: Theoretical operation waveforms
during soft-start
)
5
(
-
-
-
-
V
8
0
ms
T
A
20
C
start
SS
)
(
.
)
(
*
)
(
μ
≅
V
1
V
8
1
C
T
μA
28
ss
start
−
=
∗
.
Soft-Start
Voltage
Voltage at negative input
of Error Amp
Voltage at Fb pin
Current flowing
into Fb pin
64uA
0uA
0V
0.8V
≅1.6V
0.8V
0V
3V
≅1.8V
≅1V
Output of POR
E/A2
VP2
Fb2
SS2/SD2
ISS2 = 28uA
Track
POR
OCP2
Ihiccup2 = 3uA
64uA
3V
E/A1
VP1
Fb1
SS1/SD1
ISS1 = 28uA
POR
OCP1
Ihiccup1 = 3uA
64uA
3V
Seq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com