Electronic Components Datasheet Search
  English  ▼

X  

BTS133TC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS133TC
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS133TC Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS133TC Datasheet HTML 1Page - Infineon Technologies AG BTS133TC Datasheet HTML 2Page - Infineon Technologies AG BTS133TC Datasheet HTML 3Page - Infineon Technologies AG BTS133TC Datasheet HTML 4Page - Infineon Technologies AG BTS133TC Datasheet HTML 5Page - Infineon Technologies AG BTS133TC Datasheet HTML 6Page - Infineon Technologies AG BTS133TC Datasheet HTML 7Page - Infineon Technologies AG BTS133TC Datasheet HTML 8Page - Infineon Technologies AG BTS133TC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Block Diagramm
Terms
Inductive and overvoltage output clamp
HITFET
IN
D
VIN
ID
VDS
1
IIN
S
Vbb
RL
2
3
HITFET
V
Z
D
S
Short circuit behaviour
V IN
I D
I D(SCp)
t 0
tm
t 2
I D(Lim)
t 1
Input circuit (ESD protection)
IN
ESD-ZDI
Source
ESD zener diodes are not designed
for DC current > 2 mA @
VIN>10V.
t0: Turn on into a short circuit
tm: Measurementpoint for ID(lim)
t1:
Activation of the fast temperature sensor and
regulation of the drain current to a level where
the junction temperature remains constant.
t2:
Thermal shutdown caused by the second
temperature sensor, achieved by an
integrating measurement.
Datasheet
5
Rev. 1.0, 2009-07-20
Smart Low Side Power Switch
HITFET BTS 133TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com