Electronic Components Datasheet Search
  English  ▼

X  

IP2005APBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP2005APBF Datasheet HTML 6Page - International Rectifier IP2005APBF Datasheet HTML 7Page - International Rectifier IP2005APBF Datasheet HTML 8Page - International Rectifier IP2005APBF Datasheet HTML 9Page - International Rectifier IP2005APBF Datasheet HTML 10Page - International Rectifier IP2005APBF Datasheet HTML 11Page - International Rectifier IP2005APBF Datasheet HTML 12Page - International Rectifier IP2005APBF Datasheet HTML 13Page - International Rectifier IP2005APBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PD-60325
iP2005APbF
Calculating SOA Temperature:
(Figure 3)
SOA temperature adjustment for input voltage
≈ -1.2ºC
(Figure 4)
SOA temperature adjustment for output voltage
≈ 0.0ºC
(Figure 5)
SOA temperature adjustment for output inductor
≈ 0.6 ºC
(Figure 6)
SOA temperature adjustment for switch frequency
≈ -3.5 ºC
T
X axis intercept adjustment ≈ -1.2 ºC + 0.0 ºC + 0.6 ºC – 3.5 ºC ≈ -4.1 ºC
Assuming T
PCB = 100ºC & TCASE = 110ºC
The following example shows how the SOA current is adjusted for T
X decrease of 4.1ºC
VIN = 12.0V
VDD = 5.0V
VOUT = 1.3V
FSW = 1MHz
LOUT = 300nH
1. Draw a line from Case Temperature axis to the PCB Temperature axis.
2. Draw a vertical line from the T
X axis intercept to the SOA curve.
3. Draw a horizontal line from the intersection of the vertical line with the SOA curve to the
Y-axis (Output Current). The point at which the horizontal line meets the Y-axis is the
SOA continuous current.
4. Draw a new vertical line from the T
X axis by adding or subtracting the SOA adjustment
temperature from the original T
X intercept point.
5. Draw a horizontal line from the intersection of the new vertical line with the SOA curve to
the Y-axis (Output Current). The point at which the horizontal line meets the Y-axis is
the new SOA continuous current.
The SOA adjustment indicates the part is still allowed to run at a continuous current of 36A.
www.irf.com
2/8/2008
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com