Electronic Components Datasheet Search
  English  ▼

X  

IR3500A Datasheet(PDF) 39 Page - International Rectifier

Part # IR3500A
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500A Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3500A Datasheet HTML 35Page - International Rectifier IR3500A Datasheet HTML 36Page - International Rectifier IR3500A Datasheet HTML 37Page - International Rectifier IR3500A Datasheet HTML 38Page - International Rectifier IR3500A Datasheet HTML 39Page - International Rectifier IR3500A Datasheet HTML 40Page - International Rectifier IR3500A Datasheet HTML 41Page - International Rectifier IR3500A Datasheet HTML 42Page - International Rectifier IR3500A Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
IR3500A
Page 39 of 48
July 28, 2009
Ω
=
=
∗
∗
=
−
−
k
R
n
G
R
R
R
O
CS
MAX
L
FB
DRP
8
.
41
10
*
7
.
0
*
3
34
*
10
*
29
.
1
*
2000
*
3
3
_
, choose RDRP=42.2k
Ω
=
+
∗
∗
∗
∗
∗
∗
∗
∗
∗
=
+
∗
∗
∗
∗
∗
=
−
−
−
−
k
R
C
f
V
R
C
L
f
R
C
C
I
FB
E
E
C
CP
5
.
21
)
10
*
7
*
10
*
560
*
10
*
25
*
2
(
1
*
12
5
2000
)
12
10
560
(
)
3
/
10
470
(
)
10
25
2
(
)
*
*
*
2
(
1
*
5
)
2
(
2
3
6
3
6
9
2
3
2
2
π
π
π
π
,
nF
R
C
L
C
CP
E
E
CP
15
10
5
.
21
)
12
*
10
560
(
)
3
/
10
470
(
10
10
3
6
9
=
∗
∗
∗
∗
∗
=
∗
∗
=
−
−
Choose CCP1=47pF to reduce high frequency noise.
DESIGN EXAMPLE 2 – VR11 HIGH FREQUENCY ALL-CERAMIC CONVERTER (FIG. 21)
SPECIFICATIONS
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.3 V
No Load Output Voltage Offset: VO_NLOFST=20 mV
Output Current: IO=105 ADC
Maximum Output Current: IOMAX=120 ADC
Output Impedance: RO=0.91 m
Soft Start Delay Time: TD1=1-5mS
Soft Start Time: TD2=0-3mS
VID Sample Delay Time: TD3=0.05-3mS
VID Rise Time: TD4=0-2.5mS
VR Ready Delay Time: TD5=0-3mS
Maximum Over Current Delay Time: tOCDEL<2.5mS
Dynamic VID Down-Slope Slew Rate: SRDOWN=2.5mV/uS
Over Temperature Threshold: TMAX=115 ºC
POWER STAGE
Phase Number: n=6
Switching Frequency: fSW = 800 kHz
Output Inductors: L=100 nH, RL=0.5 m
Output Capacitors: Ceramic, C=22uF, RC= 2m , Number Cn=62
IR3500A EXTERNAL COMPONENTS
Oscillator Resistor Rosc
Once the switching frequency is chosen, ROSC can be determined from the curve in Figure 23 data sheet. For a
switching frequency of 800kHz per phase, choose ROSC = 15.0 k . The reference current is given by 40uA.
Soft Start Capacitor CSS/DEL
Determine the soft start capacitor to meet the specifications of the delay time.
Choose CSS/DEL=0.1uF. The soft start delay time is
mS
I
C
TD
CHG
DEL
SS
67
.
2
10
*
5
.
52
4
.
1
*
10
*
1
.
0
4
.
1
*
1
6
6
/
=
=
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com