Electronic Components Datasheet Search
  English  ▼

X  

DFD05T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DFD05T
Description  0.5A Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DFD05T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DFD05T Datasheet HTML 1Page - Sanyo Semicon Device DFD05T Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)1258AT, TS No.2373-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2373
DFD05T
Diffused Junction Type Silicon Diode
0.5A Power Rectifier
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CJ
T
5
0
D
F
DL
T
5
0
D
F
DN
T
5
0
D
F
DR
T
5
0
D
F
DT
T
5
0
D
F
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
80
0
0
10
0
2
10
0
5
10
0
7
1V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
→→→→
5
.
0A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
,
e
v
a
w
e
n
i
s
z
H
0
5
e
l
c
y
c
1
→→→→
0
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→→
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→→
0
5
1
+
o
t
0
4
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
˚C
˚C
Reverse Recovery Time Test Circuit
Package Dimensions
unit:mm
1174
[DFD05T]
Features
· High-speed switching use.
· Plastic molded structure.
· Reverse recovery time trr=0.15
µs max (B, C, E, G).
trr=0.3
µs max (J, L, N, R, T).
· Peak reverse voltage:VRM=100 to 1700V
· Average rectified current IO=0.5A
C:Cathode
A:Anode
Unit (resistance:
Ω, capacitance:F)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
T
5
0
D
F
DC
T
5
0
D
F
DE
T
5
0
D
F
DG
T
5
0
D
F
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
40
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
→→→
5
.
0A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→→→
0
3A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→
0
5
1
+
o
t
0
4
–
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
)
G
,
E
,
C
,
B
(
A
5
.
0
=
2
.
1V
IF
)
T
,
R
,
N
,
L
,
J
(
A
5
.
0
=
5
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
IF
V
,
A
m
2
=
R
)
G
,
E
,
C
,
B
(
V
5
1
=5
1
.
0s
µ
IF
)
T
,
R
,
N
,
L
,
J
(
V
5
1
=
R
V
,
A
m
2
=
3
.
0s
µ
Ta=50˚C
Ta=50˚C


Similar Part No. - DFD05T

ManufacturerPart #DatasheetDescription
logo
NEC
DFD-104P NEC-DFD-104P Datasheet
2Mb / 45P
DC Line Fileters
DFD-104S NEC-DFD-104S Datasheet
2Mb / 45P
DC Line Fileters
logo
ams AG
DFD2 AMSCO-DFD2 Datasheet
17Kb / 2P
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
logo
Sanyo Semicon Device
DFD30T SANYO-DFD30T Datasheet
54Kb / 2P
3.0A Power Rectifier
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD05T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS006M SANYO-SBS006M Datasheet
46Kb / 3P
30V, 0.5A Rectifier
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
logo
TAITRON Components Inco...
GL34A TAITRON-GL34A Datasheet
157Kb / 3P
0.5A Surface Mount Rectifier
MB2S TAITRON-MB2S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
logo
SUNMATE electronic Co.,...
MBR0530T1 SUNMATE-MBR0530T1 Datasheet
274Kb / 2P
0.5A Surface Mount Schottky Power Rectifier
MBR0540T1 SUNMATE-MBR0540T1 Datasheet
216Kb / 3P
0.5A Surface Mount Schottky Power Rectifier
MBR0520LT1 SUNMATE-MBR0520LT1 Datasheet
380Kb / 2P
0.5A Surface Mount Schottky Power Rectifier
logo
Diodes Incorporated
SBR0560S1 DIODES-SBR0560S1_15 Datasheet
92Kb / 4P
0.5A SBR짰 SUPER BARRIER RECTIFIER
Rev erse
SBR0560S1Q DIODES-SBR0560S1Q Datasheet
319Kb / 5P
0.5A SBR SUPER BARRIER RECTIFIER
Rev erse
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com