Electronic Components Datasheet Search
  English  ▼

X  

IR3502 Datasheet(PDF) 32 Page - International Rectifier

Part # IR3502
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3502_09 Datasheet HTML 28Page - International Rectifier IR3502_09 Datasheet HTML 29Page - International Rectifier IR3502_09 Datasheet HTML 30Page - International Rectifier IR3502_09 Datasheet HTML 31Page - International Rectifier IR3502_09 Datasheet HTML 32Page - International Rectifier IR3502_09 Datasheet HTML 33Page - International Rectifier IR3502_09 Datasheet HTML 34Page - International Rectifier IR3502_09 Datasheet HTML 35Page - International Rectifier IR3502_09 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
IR3502
Page 32 of 39
July 28, 2009
Droop Resistor
Based on the above calculation RDRP can be selected to obtain specific output impedance.
Pre-select RFB=1 k
and using Ro=0.8 m , Gcs=33.5 along with the converter parameters can be plugged into (24) to
find out RDRP.
Ω
=


+
∗
∗
∗
Ω
Ω
∗
=
k
k
k
m
m
k
R
DRP
5
.
7
1
618
.
5
1
5
35
.
0
5
.
33
8
.
0
1
3
1
Over Current Threshold
The OCP is fixed at 1.17 V above the VDAC voltage. Therefore, it can be determined as follows
A
k
k
k
II
k
m
I
OCP
9
.
218
1
)
10
837
.
8
(
)
457
.
8
(
1
5
5
.
33
35
.
0
3
1
17
.
1
=
+
+
⋅
⋅
⋅
=
VCCL Drive Resistor RVCCLDRV
The maximum drive current for the linear regulator is dependent on the type of MosFET used. For this
example, it’s assumed that IR6622 and IRF6628 are used as the control and sync FET respectively.
[
]
mA
mA
k
n
n
I
avg
drive
195
5
10
700
)
11
3
.
30
(
_
=
⋅
+
⋅
+
=
The minimum input voltage is assumed to be 10.5 V and VCCL is fixed at 6.5V for this design.
Ω
=
−
−
=
700
30
/
195
5
.
6
7
.
0
5
.
10
mA
V
V
V
R
VCCLDRV
Choose a transistor with β(min) of 50. The maximum input voltage is assumed 13.5 V,
mA
mA
V
10
9
700
5
.
6
7
.
0
5
.
13
<
=
Ω
−
−
Thermistor RTHERM and Over Temperature Setting Resistors RHOTSET1 and RHOTSET2
Choose NTC thermistor RTHERM=2.2k , which has a constant of BTHERM=3520, and the NTC thermistor
resistance at the allowed maximum temperature TMAX is,
Ω
=
+
−
+
=
−
=
142
)]
25
273
1
115
273
1
(
*
3520
[
*
10
*
2
.
2
)]
1
1
(
*
[
*
3
_
_
EXP
T
T
B
EXP
R
R
ROOM
MAX
L
THERM
THERM
TMAX
Select RHOTSET2 = 931
to linearize the NTC, which has non-linear characteristics in the operational temperature
range. Then calculate RHOTSET1 corresponding to the allowed maximum temperature TMAX.
Ω
=
−
+
=
−
+
=
k
VCCL
R
R
R
HOTSET
TMAX
HOTSET
63
.
3
6
.
1
)
6
.
1
7
(
*
)
931
142
(
6
.
1
)
6
.
1
(
*
)
(
2
1
, choose RHOTSET1=3.65k .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com