Electronic Components Datasheet Search
  English  ▼

X  

IR3508Z Datasheet(PDF) 13 Page - International Rectifier

Part # IR3508Z
Description  XPHASE3TM PHASE IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3508Z Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3508Z Datasheet HTML 9Page - International Rectifier IR3508Z Datasheet HTML 10Page - International Rectifier IR3508Z Datasheet HTML 11Page - International Rectifier IR3508Z Datasheet HTML 12Page - International Rectifier IR3508Z Datasheet HTML 13Page - International Rectifier IR3508Z Datasheet HTML 14Page - International Rectifier IR3508Z Datasheet HTML 15Page - International Rectifier IR3508Z Datasheet HTML 16Page - International Rectifier IR3508Z Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IR3508Z
Page 13 of 19
Jan 09, 2009
Emulated Bootstrap Diode
IR3508Z integrates a PFET to emulate the bootstrap diode. If two or more top MOSFETs are to be driven at higher
switching frequency, an external bootstrap diode connected from VCCL pin to BOOST pin may be needed.
Over Voltage Protection (OVP)
The IR3508Z includes over-voltage protection that turns on the low side MOSFET to protect the load in the event of
a shorted high-side MOSFET, converter out of regulation, or connection of the converter output to an excessive
output voltage. As shown in Figure 7, if IOUT pin voltage is above V(VCCL) – 0.8V, which represents over-voltage
condition detected by control IC, the over-voltage latch is set. GATEL drives high and GATEH drives low. The OVP
circuit overrides the normal PWM operation and within approximately 150ns will fully turn-on the low side MOSFET,
which remains in conduction until IOUT drops below V(VCCL) – 0.8V when over voltage ends. The over voltage
fault is latched in control IC and can only be reset by cycling the power to control IC. The error amplifier output
(EAIN) is pulled down by control IC and will remain low. The lower MOSFETs alone can not clamp the output
voltage however a SCR or N-MOSFET could be triggered with the OVP output to prevent processor damage.
AFTER
OVP
FAULT
LATCH
130mV
OUTPUT
VOLTAGE
(VO)
OVP
THRESHOLD
VCCL-800 mV
OVP CONDITION
NORMAL OPERATION
IOUT(ISHARE)
GATEL
(PHASE IC)
GATEH
(PHASE IC)
VDAC
ERROR
AMPLIFIER
OUTPUT
(EAOUT)
Figure 7: Over-voltage protection waveforms
Operation at Higher Output Voltage
The proper operation of the phase IC is ensured for output voltage up to 5.1V. Similarly, the minimum VCC for
proper operation of the phase IC is 8 V. Operating below this minimum voltage, the current sharing performance of
the phase IC is affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com