Electronic Components Datasheet Search
  English  ▼

X  

BTS141TC Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS141TC
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS141TC Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS141TC Datasheet HTML 1Page - Infineon Technologies AG BTS141TC Datasheet HTML 2Page - Infineon Technologies AG BTS141TC Datasheet HTML 3Page - Infineon Technologies AG BTS141TC Datasheet HTML 4Page - Infineon Technologies AG BTS141TC Datasheet HTML 5Page - Infineon Technologies AG BTS141TC Datasheet HTML 6Page - Infineon Technologies AG BTS141TC Datasheet HTML 7Page - Infineon Technologies AG BTS141TC Datasheet HTML 8Page - Infineon Technologies AG BTS141TC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
60
V
Drain source voltage for short circuit protection
VDS(SC)
32
Continuous input current 1)
-0.2V
≤ VIN ≤ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
|
IIN | ≤ 2
mA
Operating temperature
Tj
- 40 ... +150
°C
Storage temperature
Tstg
- 55 ... +150
Power dissipation
TC = 25 °C
Ptot
149
W
Unclamped single pulse inductive energy
ID(ISO) = 12 A
EAS
4000
mJ
Electrostatic discharge voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and
EOS/ESD assn. standard S5.1 - 1993
VESD
3000
V
Load dump protection
VLoadDump2) = VA + VS
VIN=low or high; VA=13.5 V
td = 400 ms, RI = 2 Ω, ID=0,5*12A
td = 400 ms, RI = 2 Ω, ID= 12A
VLD
100
84
Thermal resistance
junction - case:
RthJC
0.84
K/W
junction - ambient:
RthJA
75
SMD version, device on PCB: 3)
RthJA
45
1In case of thermal shutdown a minimum sensor holding current of 500 μA has to be guaranteed (see also page 3).
2VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
3 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm 2 (one layer, 70μm thick) copper area for Drain connection.
PCB mounted vertical without blown air.
Datasheet
2
Rev. 1.0, 2009-07-20
Smart Low Side Power Switch
HITFET BTS 141TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com