Electronic Components Datasheet Search
  English  ▼

X  

BTS7904B Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS7904B
Description  OptiMOS -T PN Half Bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7904B Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS7904B Datasheet HTML 5Page - Infineon Technologies AG BTS7904B Datasheet HTML 6Page - Infineon Technologies AG BTS7904B Datasheet HTML 7Page - Infineon Technologies AG BTS7904B Datasheet HTML 8Page - Infineon Technologies AG BTS7904B Datasheet HTML 9Page - Infineon Technologies AG BTS7904B Datasheet HTML 10Page - Infineon Technologies AG BTS7904B Datasheet HTML 11Page - Infineon Technologies AG BTS7904B Datasheet HTML 12Page - Infineon Technologies AG BTS7904B Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS7904B
17 Typ. gate threshold voltage (P)
18 Typ. gate threshold voltage (N)
V GS(th)=f(T j); V GS=V DS
V GS(th)=f(T j); V GS=V DS
parameter: I D
parameter: I D
19 Typ. capacitances (P)
20 Typ. capacitances (N)
C =f(V DS); V GS=0 V; f =1 MHz
C =f(V DS); V GS=0 V; f =1 MHz
Ciss
Coss
Crss
10
4
10
3
10
2
010
20
30
-V DS [V]
Ciss
Coss
Crss
10
4
10
3
10
2
010
20
30
V DS [V]
-70 µA
-280 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
T j [°C]
40 µA
200 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
T j [°C]
1.0
page 9
2008-07-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com