Electronic Components Datasheet Search
  English  ▼

X  

BA885 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BA885
Description  Silicon PIN Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA885 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BA885 Datasheet HTML 2Page - Infineon Technologies AG BA885 Datasheet HTML 3Page - Infineon Technologies AG BA885 Datasheet HTML 4Page - Infineon Technologies AG BA885 Datasheet HTML 5Page - Infineon Technologies AG BA885 Datasheet HTML 6Page - Infineon Technologies AG BA885 Datasheet HTML 7Page - Infineon Technologies AG BA885 Datasheet HTML 8Page - Infineon Technologies AG BA885 Datasheet HTML 9Page - Infineon Technologies AG BA885 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2007-04-19
8
BA595/BA885/BA895...
Package SOD323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
BAR63-03W
Type code
Cathode marking
Laser marking
0.6
marking
Cathode
0.25
0.3
1
-0.05
M
A
+0.1
+0.2
2
1.25-0.1
+0.05
-0.2
0.3
0.15-0.06
+0.1
0 ±0.05
A
0.9
+0.2
-0.1
0.2
4
1
1.35
0.65
Cathode
marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com