Electronic Components Datasheet Search
  English  ▼

X  

BAL99 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAL99
Description  Silicon Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAL99 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAL99 Datasheet HTML 1Page - Infineon Technologies AG BAL99 Datasheet HTML 2Page - Infineon Technologies AG BAL99 Datasheet HTML 3Page - Infineon Technologies AG BAL99 Datasheet HTML 4Page - Infineon Technologies AG BAL99 Datasheet HTML 5Page - Infineon Technologies AG BAL99 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-04-19
1
BAL99...
Silicon Switching Diode
• For high-speed switching applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAL99
!

Type
Package
Configuration
Marking
BAL99
SOT23
single
JFs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage-
VRM
85
Forward current
IF
250
mA
Peak forward current
IFM
-
Surge forward current, t = 1 µs
IFS
4.5
A
Total power dissipation
TS ≤ 54°C
Ptot
370
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 260
K/W
1Pb-containing package may be available upon special request
2For calculation of R
thJA please refer to Application Note Thermal Resistance


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com