Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6711_07 Datasheet HTML 17Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 18Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 20Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 21Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 22Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 23Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 24Page - Infineon Technologies AG TLE6711_07 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TLE 6711
Diagrams: Oscillator and Boost/Buck-Converter Performance
Data Sheet
21
Rev. 3.4, 2007-08-16
Efficiency Buck vs.
Boost Voltage
Efficiency Boost vs.
Input Voltage
Oscillator Frequency vs.
Resistor from R to GND
Boost Output Voltage vs.
Load
AED02941
Boost
V
65
5
η
15
25
V 30
70
75
80
85
90
%
95
V
CC = 5 V
Load
I
= 120 mA
80 mA
40 mA
AED02943
η
Batt
V
8
70
V
75
80
85
90
%
95
10
12
14
16
RT
CT
HT
I
Boost = 60 mA
AED02982
R
5
10
20
50
100
200
500
1000
OSC
f
R
10
20
50 100 200
k 1000
Ω
j
T = 25 ˚C
@
kHz
AED02944
LOAD
I
20
26
mA
27
28
29
30
V
31
40
60
80
100
Boost
V
RT
HT
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com