Electronic Components Datasheet Search
  English  ▼

X  

TLE6711G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6711G
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6711G Datasheet HTML 8Page - Infineon Technologies AG TLE6711G Datasheet HTML 9Page - Infineon Technologies AG TLE6711G Datasheet HTML 10Page - Infineon Technologies AG TLE6711G Datasheet HTML 11Page - Infineon Technologies AG TLE6711G Datasheet HTML 12Page - Infineon Technologies AG TLE6711G Datasheet HTML 13Page - Infineon Technologies AG TLE6711G Datasheet HTML 14Page - Infineon Technologies AG TLE6711G Datasheet HTML 15Page - Infineon Technologies AG TLE6711G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
12
Rev. 3.4, 2007-08-16
TLE 6711
Circuit Description
The TLE 6711 G/GL is also protected against several boost loop errors:
In case of a feedback interruption a pull-up current source (
I
FB typ. 0.4 µA), integrated at pin BOFB pulls the
voltage at the feedback pin BOFB above the reference voltage. The boost output is switched off by the high error
voltage which controls the PWM-Comparator at a zero duty cycle.
In the case of a resistive loop error caused by leakage currents to ground, the boost output voltage would increase
to very high values. In order to protect the
V
BOOST input as well as the external load against catastrophic failures,
an overvoltage protection is provided which switches the output transistor off as soon as the voltage at pin
V
BOOST
exceeds the internal fixed overvoltage threshold
V
BOOVOFF = typ. 37 V.
Application Note
A short circuit from
V
BOOST to ground will not destroy the IC, however, it may damage the external boost diode or
the boost inductance if there is no overcurrent limitation in that path.
Figure 9
Most Important Waveforms of the Boost Converter Circuit
AED02672
t
C
V
Error
V
and
V
CV
CP
V
t
L
H
OCLK
PWM
L
H
t
t
I
BOI
BOLI
I
DBO
I
t
BOI
V
t
BOOST
V
S
V
Overcurrent Threshold Exceeded
Controlled by the
Load-Current Increasing with Time;
Error Voltage
Overcurrent Comp
Controlled by the Error Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com