Electronic Components Datasheet Search
  English  ▼

X  

SMBT3906 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SMBT3906
Description  High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SMBT3906 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906 Datasheet HTML 7Page - Infineon Technologies AG SMBT3906 Datasheet HTML 8Page - Infineon Technologies AG SMBT3906 Datasheet HTML 9Page - Infineon Technologies AG SMBT3906 Datasheet HTML 10Page - Infineon Technologies AG SMBT3906 Datasheet HTML 11Page - Infineon Technologies AG SMBT3906 Datasheet HTML 12Page - Infineon Technologies AG SMBT3906 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2008-02-29
9
SMBT3906...MMBT3906
Storage time tstg = ƒ(IC)
EHP00762
10
mA
t
C
s
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
h
FE= 20
10
25 C
125 C
10
= 20
FE
h
Fall time tf = ƒ(IC)
EHP00773
10
mA
t
C
f
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
5
10
2
10
3
h
FE = 20
25 C
125 C
CC
V
= 40 V
= 10
FE
h
Rise time tr = ƒ(IC)
EHP00764
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
25 C
125 C
CC
V
= 40 V
= 10
FE
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com