Electronic Components Datasheet Search
  English  ▼

X  

IPS820-30F Datasheet(PDF) 2 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPS820-30F
Description  silicon controlled rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPS820-30F Datasheet(HTML) 2 Page - IP SEMICONDUCTOR CO., LTD.

  IPS820-30F Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPS820-30F Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPS820-30F Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPS820-30F Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25 ℃ unless otherwise specified)
Symbol
Test Condition
IPS820-xxB
Unit
30
IGT
Required DC gate current to trigger at 25℃
at - 40℃
at 125℃
MAX
30
55
15
mA
VGT
Required DC voltage to trigger
at 25℃
(anode supply = 6V, resistive load) at - 40℃
at 125℃
MAX
1.3
2.0
1.1
V
VGD
DC gate voltage not to trigger
(Tj = 125℃, VDRM = rated value)
MAX
0.2
V
IL
IG = 1.2 IGT
MAX
70
mA
IH
Holding current
MAX
50
mA
dV/dt
VD = 67% VDRM gate open Tj = 125 ℃
MIN
300
V/us
2
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j
– c)
Junction to case
TO-220F
4.0
℃/W
Symbol
Test Conditions
Value
(MAX)
Unit
VTM
ITM = 30A, tp = 380uS
Tj = 25℃
1.6
V
IDRM / IRRM
VD = VDRM
Tj = 25℃
5
uA
VR = VRRM
Tj = 125℃
2
mA
STATIC CHARACTERISTICS
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPS820-xxF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com