Electronic Components Datasheet Search
  English  ▼

X  

IRDC3640 Datasheet(PDF) 8 Page - International Rectifier

Part # IRDC3640
Description  USER GUIDE FOR IR3640 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3640 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRDC3640 Datasheet HTML 4Page - International Rectifier IRDC3640 Datasheet HTML 5Page - International Rectifier IRDC3640 Datasheet HTML 6Page - International Rectifier IRDC3640 Datasheet HTML 7Page - International Rectifier IRDC3640 Datasheet HTML 8Page - International Rectifier IRDC3640 Datasheet HTML 9Page - International Rectifier IRDC3640 Datasheet HTML 10Page - International Rectifier IRDC3640 Datasheet HTML 11Page - International Rectifier IRDC3640 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRDC3640
8
Bill of Materials
Item Quantity
Reference
Value
Description
Manufacturer
Part Number
1
10 VOUT-,VOUT+,VIN-,VIN+,
0.075" SQ_SMT
SMT 0.075" Test Point
Sync,PVcc,PGood,PGND,B,A _TestPoint
2
4 C2,C3,C4,C5
10uF
Ceramic,25V,1210,X5R,10%
Taiyo-Yuden
TMK325BJ106MN-T
3
5 C7,C8,C20,C27,C28
0.1uF
Ceramic,50V,0603,X7R,10%
Panasonic
ECJ-1VB1H104K
4
10 C9,C10,C11,C12,C13,
47uF
Ceramic,4V,0805,X5R,10%
Murata Electronics
GRM21BR60G476ME15L
C14,C15,C16,C31,C32
5
1 C17
1.0uF
Ceramic,25V,0603,X5R,10%
Murata Electronics
GRM188R61E105KA12D
6
1 C21
5.6nF
Ceramic,25V,0603,C0G,5%
Panasonic-ECG
C1608C0G1E562J
7
1 C22
160pF
Ceramic,50V,0603,C0G,5%
Murata Electronics
GRM1885C1H161JA01D
8
1 C23
2200pF
Ceramic,50V,0603,C0G,5%
TDK Corporation
C1608C0G1H222J
9
2 C25,C26
330uF
SMD Elecrolytic, 25V,F-size,20%
Panasonic
EEE-FK1E331P
10
1 L1
0.33uH
SMT-Inductor,1.5mOhms,10x11mm,20%
Delta
MPL104-R33IR
11
1 Q1
IRF6710S2TRPbF IRF6710 SQ 25V
International Rectifier
IRF6710S2TRPbF
12
1 Q2
IRF6795MPbF
IRF6795 MX 25V
International Rectifier
IRF6795MPbF
13
3 R5,R21,R22
0
Thick-film,0603,1/10 W,5%
Vishay/Dale
CRCW06030000Z0EA
14
2 R3,R6
4.99K
Thick-film,0603,1/10W,1%
Rohm
MCR03EZPFX4991
15
1 R4
681
Thick-film,0603,1/10 W,1%
Vishey/Dale
CRCW0603681RFKEA
16
1 R8
2.26K
Thick-film,0603,1/10W,1%
Rohm
MCR03EZPFX2261
17
1 R9
23.7K
Thick-film,0603,1/10W,1%
Rohm
MCR03EZPFX2372
18
2 R11,R19
2.55K
Thick-film,0603,1/10 W,1%
Rohm
MCR03EZPFX2551
19
1 R12
4.12K
Thick-film,0603,1/10 W,1%
Rohm
MCR03EZPFX4121
20
1 R13
3.24K
Thick-film,0603,1/10W,1%
Rohm
MCR03EZPFX3241
21
1 R14
130
Thick-film,0603,1/10 W,1%
Rohm
MCR03EZPFX1300
22
1 R17
4.02K
Thick-film,0603,1/10 W,1%
Rohm
MCR03EZPFX4021
23
1 R18
20
Thick-film,0603,1/10 W,1%
Vishey/Dale
CRCW060320R0FKEA
24
4 TP11,TP12,TP13,TP14
Label TP
0.250" x 0.300" test pad area
25
1 U1
IR3640
IR3640,Controller,MLPQ,3x4mm
International Rectifier
IR3640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com