Electronic Components Datasheet Search
  English  ▼

X  

SPD04P10PL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPD04P10PL
Description  SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD04P10PL Datasheet(HTML) 6 Page - Infineon Technologies AG

  SPD04P10PL Datasheet HTML 1Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 2Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 3Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 4Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 5Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 6Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 7Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 8Page - Infineon Technologies AG SPD04P10PL Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SPD04P10PL G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=-3 A; V GS=-10 V
V GS(th)=f(T j); V GS=V DS; I D=-380 µA
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ.
98 %
0
500
1000
1500
2000
2500
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
3
10
2
10
1
0
5
10
15
20
25
-V DS [V]
typ.
min.
max.
0
1
2
3
-60
-20
20
60
100
140
180
T j [°C]
25 °C, typ
175 °C, typ
25 °C, 98%
175 °C, 98%
10
2
10
1
10
0
10
-1
10
-2
0
0.5
1
1.5
-V SD [V]
Rev 1.
5
page 6
200
9-02-16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com