Electronic Components Datasheet Search
  English  ▼

X  

TLE7236E Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE7236E Datasheet HTML 27Page - Infineon Technologies AG TLE7236E Datasheet HTML 28Page - Infineon Technologies AG TLE7236E Datasheet HTML 29Page - Infineon Technologies AG TLE7236E Datasheet HTML 30Page - Infineon Technologies AG TLE7236E Datasheet HTML 31Page - Infineon Technologies AG TLE7236E Datasheet HTML 32Page - Infineon Technologies AG TLE7236E Datasheet HTML 33Page - Infineon Technologies AG TLE7236E Datasheet HTML 34Page - Infineon Technologies AG TLE7236E Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Data Sheet
31
Rev. 1.0, 2008-10-30
TLE7236E
Serial Peripheral Interface (SPI)
9.5
Timing Diagrams
Figure 12
Timing Diagram
Diagnosis Register Bank (read only)
Name
Addr
3210
DR01
000B
OL1D1OL0
D0
DR23
001B
OL3D3OL2
D2
DR45
010B
OL5D5OL4
D4
DR67
011B
OL7D7OL6
D6
CS
SCLK
SI
t
CS(lead)
t
CS(td)
t
CS(lag)
tSCLK(H)
tSCLK(L)
tSCLK(P)
tSI(su)
tSI(h)
SO
tSO(v)
tSO(en)
tSO(dis)
0.7Vcc
0.2V
cc
0.7V
cc
0.2V
cc
0.7V
cc
0.2Vcc
0.7V
cc
0.2V
cc
SPI Timing.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com