Electronic Components Datasheet Search
  English  ▼

X  

TLE7235E Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7235E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7235E Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7235E Datasheet HTML 9Page - Infineon Technologies AG TLE7235E Datasheet HTML 10Page - Infineon Technologies AG TLE7235E Datasheet HTML 11Page - Infineon Technologies AG TLE7235E Datasheet HTML 12Page - Infineon Technologies AG TLE7235E Datasheet HTML 13Page - Infineon Technologies AG TLE7235E Datasheet HTML 14Page - Infineon Technologies AG TLE7235E Datasheet HTML 15Page - Infineon Technologies AG TLE7235E Datasheet HTML 16Page - Infineon Technologies AG TLE7235E Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
13
Rev. 1.0, 2008-10-30
TLE7235E
Power Supply
5
Power Supply
The TLE7235E is supplied by two supply voltages
V
bb and VDD. The Vbb supply line is connected to a battery feed
and used by the power switches and by an integrated power supply for the register banks. There is an under
voltage reset function implemented for the
V
bb power supply. After start-up of the power supply, all SPI registers
are reset to their default values and the device is in sleep mode (standby). The SPI command CMD.WAKE = 1 is
switching the device to operation mode (ON), while a command CMD.STB = 1 send the device to sleep mode
(standby) again.
The
V
DD supply line is used by the SPI shift register related circuitry and for driving the SO line. As a result, the
daisy chain function is available as soon as
V
DD is provided in the specified range independent of Vbb. A capacitor
between pins
V
DD and GND is recommended (especially in case of EMI).
5.1
Operation Modes
There is a limp home functionality implemented in the TLE7235E, which is activated via pin LHI. Please refer to
Section 5.2 for details.
The device provides a sleep mode (stand by) to minimize current consumption, which also resets the register
banks. It is entered and left by dedicated SPI commands . The sleep mode current is minimized only when limp
home is inactive. After limp home, the device enters sleep mode automatically.
The following table shows the operation modes depending on
V
bb, VDD and the limp home input signal LHI.
5.2
Limp Home Mode
The TLE7235E offers the capability of driving dedicated channels during fail-safe operation of the system. This
limp home mode is activated by a high signal at pin LHI. In limp home mode, the SPI registers are reset and the
input pins are directly routed to the auto configuring channels (channel 4 and 5). As a result, the limp home
operation can be chosen for high-side and low-side driven loads.
Due to the integrated power supply, limp home operation is independent of digital power supply
V
DD. In case of
stand-by, a high signal at pin LHI will wake up the device. After limp home operation, the device enters sleep mode
in any case.
5.3
Reset
There are several reset trigger implemented in the device. A reset switches off all channels and sets the registers
to default values. After any kind of reset, the transmission error flag (TER) is set.
Under Voltage Reset:
During this device condition a read on SPI always delivers the Standard Diagnostic Frame with a TER flag.
This under voltage reset is released when all the supply voltages levels are above under voltage threshold.
Operation Modes
VBB
0V
0V
0V
12 V
12V
12 V
12V
VDD
0 V5 V
5 V0 V0 V
5 V5 V
LHI
X
0V
5V
0V
5V
0V
5V
Switches operating
-
-
-
✓✓
✓✓
Limp Home
-
-
-
-
✓
-
✓
SPI & daisy-chain
-
✓
✓
--
✓
✓
Register Banks
reset
reset
reset
✓
reset
✓
reset
Diagnostic functions
-
-
-
✓
-
✓
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com