Electronic Components Datasheet Search
  English  ▼

X  

IRDC3841 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3841
Description  USER GUIDE FOR IR3841 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3841 Datasheet HTML 1Page - International Rectifier IRDC3841 Datasheet HTML 2Page - International Rectifier IRDC3841 Datasheet HTML 3Page - International Rectifier IRDC3841 Datasheet HTML 4Page - International Rectifier IRDC3841 Datasheet HTML 5Page - International Rectifier IRDC3841 Datasheet HTML 6Page - International Rectifier IRDC3841 Datasheet HTML 7Page - International Rectifier IRDC3841 Datasheet HTML 8Page - International Rectifier IRDC3841 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3841
02/02/2009
2
A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum 8A load should be
connected to VOUT+ and VOUT-. The connection diagram is shown in Fig. 1 and inputs and outputs of the
board are listed in Table I.
IR3841 has two input supplies, one for biasing (Vcc) and the other as input voltage (Vin). Separate supplies
should be applied to these inputs. Vcc input should be a well regulated 4.5V-5.5V supply and it would be
connected to Vcc+ and Vcc-.
If single 12V application is required connect R7 (zero Ohm resistor) which enables the on board bias
regulator (see schematic). In this case there is no need of external Vcc supply.
The output can track a sequencing input at the start-up. For sequencing application, R16 should be
removed and the external sequencing source should be applied between Seq. and Agnd. The value of R14
and R28 can be selected to provide the desired ratio between the output voltage and the tracking input. For
proper operation of IR3841, the voltage at Seq. pin should not exceed Vcc.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 4-layer board. All of layers are 2 Oz. copper. The IR3841 SupIRBuck and all of the
passive components are mounted on the top side of the board.
Power supply decoupling capacitors, the Bootstrap capacitor and feedback components are located
close to IR3841. The feedback resistors are connected to the output voltage at the point of regulation
and are located close to
the SupIRBuck. To improve efficiency, the circuit board is designed to
minimize the length of the on-board power ground current path.
Table I. Connections
Sequence Input
Seq.
V
out (+1.8V)
VOUT+
Ground for Vcc input
Vcc-
Vcc input
Vcc+
Enable
Enable
Power Good Signal
P_Good
Ground of V
out
VOUT-
Ground of V
in
VIN-
V
in (+12V)
VIN+
Signal Name
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com