Electronic Components Datasheet Search
  English  ▼

X  

BGA751L7 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA751L7
Description  Low Power Single-Band UMTS LNA (800, 900 MHz)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751L7 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA751L7 Datasheet HTML 1Page - Infineon Technologies AG BGA751L7 Datasheet HTML 2Page - Infineon Technologies AG BGA751L7 Datasheet HTML 3Page - Infineon Technologies AG BGA751L7 Datasheet HTML 4Page - Infineon Technologies AG BGA751L7 Datasheet HTML 5Page - Infineon Technologies AG BGA751L7 Datasheet HTML 6Page - Infineon Technologies AG BGA751L7 Datasheet HTML 7Page - Infineon Technologies AG BGA751L7 Datasheet HTML 8Page - Infineon Technologies AG BGA751L7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
5
V3.2, 2009-05-27
BGA751L7 - Low Power Single-Band UMTS LNA
Description
1
Description
The BGA751L7 is a low current single-band low noise amplifier MMIC for UMTS bands V, VI and VIII. The LNA is
based upon Infineon’s proprietary and cost-effective SiGe:C technology and comes in a low profile TSLP-7-1
leadless green package. Because the matching is off chip, the 800 MHz path can be easily converted into a 900
MHz path by optimizing the input and output matching network. This document specifies the electrical parameters,
pinout, application circuit and packaging of the chip.
Figure 1
Block diagram of single-band LNA
Features
•
Gain: 16 / -8 dB in high / low gain mode
•
Noise figure: 1.05 dB in high gain mode
•
Supply current: 3.3 / 0.5 mA in high / low gain mode
•
Standby mode (< 2
µA typ.)
•
Output internally matched to 50
Ω
•
Inputs pre-matched to 50
Ω
•
2kV HBM ESD protection
•
Low external component count
•
Small leadless TSLP-7-1 package (2.0 x 1.3 x 0.39 mm)
•
Pb-free (RoHS compliant) package
TSLP-7-1 package
Type
Package
Marking
Chip
BGA751L7
TSLP-7-1
B5
T1533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com