Electronic Components Datasheet Search
  English  ▼

X  

BGF113 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGF113
Description  Differential Microphone Filter and ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF113 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGF113 Datasheet HTML 1Page - Infineon Technologies AG BGF113 Datasheet HTML 2Page - Infineon Technologies AG BGF113 Datasheet HTML 3Page - Infineon Technologies AG BGF113 Datasheet HTML 4Page - Infineon Technologies AG BGF113 Datasheet HTML 5Page - Infineon Technologies AG BGF113 Datasheet HTML 6Page - Infineon Technologies AG BGF113 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet
4
V3.1, 2009-01-29
BGF113
Differential Microphone Filter and ESD Protection
BGF113
BGF113
Features
•
Differential microphone filter
•
Integrated ESD protection up to 15 kV contact discharge according to
IEC61000-4-2
•
More than 40 dB stopband attenuation at 1 GHz
•
Wafer Level Package with SnAgCu solder balls
•
RoHS and WEEE compliant package
•400
µm solder ball pitch
WLP-8-6-3D
Description
BGF113 is a differential microphone filter with low pass characteristic offering a high stop band attenuation up to
6 GHz. External pins are protected against 15 kV contact discharge according to IEC61000-4-2. The wafer level
package is a green leadfree package with a size of 1.16 mm x 1.16 mm and a total height of 0.60 mm.
Type
Package
Marking
Chip
BGF113
WLP-8-6
GF113
N0728
D1
D2
C1
800pF
C2
800pF
A2
A3
C3
1250pF
C4
1250pF
R4
R1
C2 (GND)
B3
C3
B1
B2 (GND)
C1
R5
25 Ω
2.2 kΩ
R3
2.2 kΩ
2 kΩ
External IOs
R2
1 kΩ
1 Ω
Figure 1
Schematic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com