Electronic Components Datasheet Search
  English  ▼

X  

TLE7234E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7234E
Description  8 Channel High-Side and Low-Side Relay Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7234E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7234E Datasheet HTML 5Page - Infineon Technologies AG TLE7234E Datasheet HTML 6Page - Infineon Technologies AG TLE7234E Datasheet HTML 7Page - Infineon Technologies AG TLE7234E Datasheet HTML 8Page - Infineon Technologies AG TLE7234E Datasheet HTML 9Page - Infineon Technologies AG TLE7234E Datasheet HTML 10Page - Infineon Technologies AG TLE7234E Datasheet HTML 11Page - Infineon Technologies AG TLE7234E Datasheet HTML 12Page - Infineon Technologies AG TLE7234E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
9
Rev. 1.0, 2008-10-30
TLE7234E
Pin Configuration
5
IN3
I
Input multiplexer input 3 pin (pull down)
SPI
20
CS
I
SPI Chip select (pull up)
19
SCLK
I
Serial clock
18
SI
I
Serial data in
17
SO
O
Serial data out
Others
1,2,11,12
n.c.
I
not connected
Pin
Symbol
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com