Electronic Components Datasheet Search
  English  ▼

X  

TLE7235G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7235G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7235G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7235G Datasheet HTML 1Page - Infineon Technologies AG TLE7235G Datasheet HTML 2Page - Infineon Technologies AG TLE7235G Datasheet HTML 3Page - Infineon Technologies AG TLE7235G Datasheet HTML 4Page - Infineon Technologies AG TLE7235G Datasheet HTML 5Page - Infineon Technologies AG TLE7235G Datasheet HTML 6Page - Infineon Technologies AG TLE7235G Datasheet HTML 7Page - Infineon Technologies AG TLE7235G Datasheet HTML 8Page - Infineon Technologies AG TLE7235G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PG-DSO-20-45
Type
Package
Marking
TLE7235G
PG-DSO-20-45
TLE7235G
Data Sheet
3
Rev. 1.0, 2008-10-30
SPI Driver for Enhanced Relay Control
TLE7235G
1Overview
Features
•
8 bit SPI for diagnostics and control, providing daisy chain capability
•
Very wide range for digital supply voltage
•
Two configurable input pins offer complete flexibility for
PWM operation
•
Stable behavior at under voltage
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE7235G is an eight channel high-side and low-side power switch in PG-DSO-20-45 package providing
embedded protective functions. It is especially designed for standard relays and LEDs in automotive applications.
The output stages incorporate two low-side, four high-side and two auto configuring high-side or low-side
switches.
A serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the load. For direct control,
there are two input pins available.
The TLE7235G provides a micro controller fail-safe function which is activated via a high signal at the limp home
input pin. There is a power supply integrated in the device to ensure this functionality even without digital supply
voltage.
The power transistors are built by N-channel power MOSFETs. The device is monolithically integrated in
Smart Power Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com