Electronic Components Datasheet Search
  English  ▼

X  

IRGI4064DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGI4064DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4064DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGI4064DPBF Datasheet HTML 1Page - International Rectifier IRGI4064DPBF Datasheet HTML 2Page - International Rectifier IRGI4064DPBF Datasheet HTML 3Page - International Rectifier IRGI4064DPBF Datasheet HTML 4Page - International Rectifier IRGI4064DPBF Datasheet HTML 5Page - International Rectifier IRGI4064DPBF Datasheet HTML 6Page - International Rectifier IRGI4064DPBF Datasheet HTML 7Page - International Rectifier IRGI4064DPBF Datasheet HTML 8Page - International Rectifier IRGI4064DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
IRGI4064DPbF
1
www.irf.com
10/01/09
E
G
n-channel
C
VCES = 600V
IC = 8.0A, TC = 100°C
tSC ≥ 5µs, TJ(max) = 150°C
VCE(on) typ. = 1.51V
Features
• Low VCE (ON) Trench IGBT Technology
• Low switching losses
• 5 µS short circuit SOA
• Square RBSOA
• 100% of the parts tested for ILM 
• Positive VCE (ON) Temperature co-efficient
• Ultra fast soft Recovery Co-Pak Diode
• Tight parameter distribution
• Lead Free Package
Benefits
• High Efficiency in a wide range of applications
• Suitable for a wide range of switching frequencies due to
Low VCE (ON) and Low Switching losses
• Rugged transient Performance for increased reliability
• Excellent Current sharing in parallel operation
• Low EMI
GC
E
Gate
Collector
Emitter
PD - 97397A
TO-220
Full-Pak
G
C
E
C
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
15
IC @ TC = 100°C
Continuous Collector Current
8.0
ICM
Pulse Collector Current, VGE = 15V
24
ILM
Clamped Inductive Load Current, VGE = 20V c
32
A
IF @ TC = 25°C
Diode Continous Forward Current
15
IF @ TC = 100°C
Diode Continous Forward Current
8.0
IFM
Diode Maximum Forward Current
d
32
VGE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
PD @ TC = 25°C
Maximum Power Dissipation
38
W
PD @ TC = 100°C
Maximum Power Dissipation
15
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT)
–––
–––
3.29
°C/W
RθJC (Diode)
Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
6.1
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.50
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
65


Similar Part No. - IRGI4064DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4062DPBF IRF-IRGI4062DPBF Datasheet
392Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4065PBF IRF-IRGI4065PBF Datasheet
321Kb / 7P
PDP TRENCH IGBT
More results

Similar Description - IRGI4064DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com