Electronic Components Datasheet Search
  English  ▼

X  

TLE7244SL Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 12Page - Infineon Technologies AG TLE7244SL Datasheet HTML 13Page - Infineon Technologies AG TLE7244SL Datasheet HTML 14Page - Infineon Technologies AG TLE7244SL Datasheet HTML 15Page - Infineon Technologies AG TLE7244SL Datasheet HTML 16Page - Infineon Technologies AG TLE7244SL Datasheet HTML 17Page - Infineon Technologies AG TLE7244SL Datasheet HTML 18Page - Infineon Technologies AG TLE7244SL Datasheet HTML 19Page - Infineon Technologies AG TLE7244SL Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Protection Functions
Datasheet
16
Rev. 1.0, 2009-09-30
6
Protection Functions
The device provides embedded protective functions. Integrated protection functions are designed to prevent IC
destruction under fault conditions described in this datasheet. Fault conditions are considered as “outside” normal
operating range. Protection functions are not designed for continuous repetitive operation.
6.1
Over Load Protection
The SPIDER - TLE7244SL is protected in case of over load or short circuit of the load. After time tOFF(OVL), the over
loaded channel n switches off and the according diagnosis flag Dn is set.The channel can be switched on after
clearing the diagnosis flag. Please refer to Figure 7 for details.
Figure 7
Shut down at over load
The current sink to ground ensures that the channels switch off in case of open input pin. The zener diode protects
the input circuit against ESD pulses. After power-on reset, the device enters idle mode.
6.2
Over Temperature Protection
A temperature sensor for each channel causes an overheated channel n to switch off to prevent destruction and
the according diagnosis flag Dn is set. The channel can be switched on after clearing the diagnosis flag. Please
refer to Chapter 7.1 for information on diagnosis features.
6.3
Reverse Polarity Protection
In case of reverse polarity, the intrinsic body diode of the power transistor causes power dissipation. The reverse
current through the intrinsic body diode of the power transistor has to be limited by the connected load. The
V
DD
and
V
DDA supply pins must be protected against reverse polarity externally. The over temperature and over load
protection is not active during reverse polarity.
IN1
IOUT1
t
t
OverLoad.emf
tOFF(OVL)
I
OUT(OVL)
D1 = 1b
IN1 = 01b
D1 = 0b
D1 = 0b
Program OUT 1 to
STANDBY and to
IN1 again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com