Electronic Components Datasheet Search
  English  ▼

X  

TLE4242G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4242G
Description  Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4242G Datasheet HTML 1Page - Infineon Technologies AG TLE4242G Datasheet HTML 2Page - Infineon Technologies AG TLE4242G Datasheet HTML 3Page - Infineon Technologies AG TLE4242G Datasheet HTML 4Page - Infineon Technologies AG TLE4242G Datasheet HTML 5Page - Infineon Technologies AG TLE4242G Datasheet HTML 6Page - Infineon Technologies AG TLE4242G Datasheet HTML 7Page - Infineon Technologies AG TLE4242G Datasheet HTML 8Page - Infineon Technologies AG TLE4242G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 4242 G
Data Sheet
5
Rev. 1.1, 2007-03-20
The functionality of the ST and PWM as well as their timings are shown in Figure 4. The
Status delay can be adjusted via the capacitor connected to the timing Pin D. The delay
time scales in linear way with the capacitance
C
D:
(2)
Figure 4
Function and Timing Diagram
t
STHL,typ
C
D
47 nF
---------------
10 ms
×
=
t
STLH,typ
C
D
47 nF
---------------
10
μs
×
=
V
I
A E T 0 3 505.V S D
t
V
ST
t
V
ST L
t
V
PW M
V
PW M , H
t
V
PW M , L
I
Q
t
mA
256
t
PW M , O F F
t
PW M , O N
V
D
V
UD
V
LD
O pen
Load
t
ST H L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com