Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM5E Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLDIM5E Datasheet HTML 6Page - International Rectifier IRPLDIM5E Datasheet HTML 7Page - International Rectifier IRPLDIM5E Datasheet HTML 8Page - International Rectifier IRPLDIM5E Datasheet HTML 9Page - International Rectifier IRPLDIM5E Datasheet HTML 10Page - International Rectifier IRPLDIM5E Datasheet HTML 11Page - International Rectifier IRPLDIM5E Datasheet HTML 12Page - International Rectifier IRPLDIM5E Datasheet HTML 13Page - International Rectifier IRPLDIM5E Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.irf.com
- 10 -
RD0802
5. Fault Conditions
In case of fault conditions such as open filaments, failure to strike, or lamp removal, the
IRS2530D will go into Fault Mode. In this mode, the internal fault latch is set, HO is off, LO
is open circuit, and the IRS2530D consumes an ultra-low micro-power current. The
IRS2530D can be reset with a lamp exchange (as detected by the LO pin) or a recycling
of VCC below and back above the UVLO thresholds.
Failure to Strike
At initial turn-on of the ballast, the frequency will ramp down from fMAX toward the
resonance frequency. When the lamp fails to strike, the VCO voltage continues to
increase and the frequency continues to decrease until the VCO voltage exceeds
VVCOFLT+ (4.0V, typical), and the IRS2530D enters Fault Mode and shuts down
(Figure 5.1). It should be noted that in case of failure to strike, the system will operate in
capacitive side of resonance, but only for short period of time.
Figure 5.1: Lamp non-strike: CH1 is the VCO voltage, CH4 is the voltage across lamp
AC Mains Interrupt / Brown-Out Conditions
This protection relies on the non-ZVS circuit of IRS2530D, enabled in the Dim Mode.
During an AC mains interrupt or brown-out condition, the DC bus can decrease and
cause the system to operate too close to, or, on [the] capacitive side of resonance. The
result is non-ZVS switching that causes high peak currents to flow in the half-bridge
MOSFETs that can damage or destroy them.
To protect against this, the IRS2530D will detect non-ZVS by measuring the VS voltage
at each rising edge of LO. If the voltage is greater than VZVSTH (4.5V, typical), the IC
will reduce the voltage at VCO pin, and thus increase the frequency until ZVS is
reached again (Figure 5.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com