Electronic Components Datasheet Search
  English  ▼

X  

IRS21171 Datasheet(PDF) 6 Page - International Rectifier

Part # IRS21171
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS21171 Datasheet HTML 2Page - International Rectifier IRS21171 Datasheet HTML 3Page - International Rectifier IRS21171 Datasheet HTML 4Page - International Rectifier IRS21171 Datasheet HTML 5Page - International Rectifier IRS21171 Datasheet HTML 6Page - International Rectifier IRS21171 Datasheet HTML 7Page - International Rectifier IRS21171 Datasheet HTML 8Page - International Rectifier IRS21171 Datasheet HTML 9Page - International Rectifier IRS21171 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
6
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF and TA = 25 °C unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
IRS21171
---
160
230
ton
Turn-on propagation delay
IRS211(7,8)
---
125
200
VS = 0V
IRS21171
---
160
230
toff
Turn-off propagation delay
IRS211(7,8)
---
105
180
VS = 600V
tr
Turn-on rise time
---
75
130
tf
Turn-off fall time
---
35
65
ns
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
IRS21171
2.5
---
---
VIH
Input voltage –logic “1”
IRS211(7,8)
9.5
---
---
IRS21171
---
---
0.8
VIL
Input voltage – logic “0”
IRS211(7,8)
6.0
VOH
High level output voltage, VBIAS – VO
---
0.05
0.2
VOL
Low level output voltage, VO
---
0.02
0.1
V
IO = 2mA
ILK
Offset supply leakage current
---
---
50
VB = VS = 600V
IRS211(7,8)
---
50
240
IQBS
Quiescent VBS Supply
Current
IRS21171
---
80
150
IRS211(7,8)
---
70
340
IQCC
Quiescent VCC Supply
Current
IRS21171
---
120
240
VIN = 0V or VCC
IRS2117(1)
VIN = VCC
IIN+
Logic “1” input bias current
IRS2118
---
20
40
IRS2117(1)
VIN = 0V
IIN-
Logic “0” input bias current
IRS2118
---
---
5.0
µA
VIN = VCC
VBSUV+
VBS supply undervoltage positive going
7.6
8.6
9.6
VBSUV-
VBS supply undervoltage negative going
7.2
8.2
9.2
VCCUV+
VCC supply undervoltage positive going
7.6
8.6
9.6
VCCUV-
VCC supply undervoltage negative going
7.2
8.2
9.2
V
IO+
Output high short circuit pulsed current
200
290
---
VO = 0V
VIN Logic “1”
PW ≤ 10 µs
IO-
Output low short circuit pulsed current
420
600
---
mA
VO = 15V
VIN Logic “0”
PW ≤ 10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com