Electronic Components Datasheet Search
  English  ▼

X  

IRS21171STRPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IRS21171STRPBF Datasheet HTML 11Page - International Rectifier IRS21171STRPBF Datasheet HTML 12Page - International Rectifier IRS21171STRPBF Datasheet HTML 13Page - International Rectifier IRS21171STRPBF Datasheet HTML 14Page - International Rectifier IRS21171STRPBF Datasheet HTML 15Page - International Rectifier IRS21171STRPBF Datasheet HTML 16Page - International Rectifier IRS21171STRPBF Datasheet HTML 17Page - International Rectifier IRS21171STRPBF Datasheet HTML 18Page - International Rectifier IRS21171STRPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
15
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 17A. Low Level Output
vs.Tem perature
Max.
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 17B. Low Level Output
vs. Supply Voltage
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100 125
Temperature (oC)
Max.
Figure 18A. Offset Supply Leakage
Current vs. Tem perature
0
100
200
300
400
500
0
100
200
300
400
500
600
V
B Boost Voltage (V)
Max.
Figure 18B.Offset Supply Leakage
Current vs. VB Boost Voltage
0
20
40
60
80
100
120
-50
-25
0
25
5075100
125
Figure 19A. Logic "1" (2118 "0") Inp Current
vs. Tem perature
Max.
Typ.
Temperature (oC)
0
20
40
60
80
100
120
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 19B. Logic "1" (2118 "0") Input Current
vs. Supply Voltage
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com