Electronic Components Datasheet Search
  English  ▼

X  

BSP89 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP89
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP89 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP89 Datasheet HTML 1Page - Infineon Technologies AG BSP89 Datasheet HTML 2Page - Infineon Technologies AG BSP89 Datasheet HTML 3Page - Infineon Technologies AG BSP89 Datasheet HTML 4Page - Infineon Technologies AG BSP89 Datasheet HTML 5Page - Infineon Technologies AG BSP89 Datasheet HTML 6Page - Infineon Technologies AG BSP89 Datasheet HTML 7Page - Infineon Technologies AG BSP89 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
200
9-
08-18
Page 1
BSP89
Rev. 2.1
SIPMOSÒ Small-Signal-Transistor
Product Summary
VDS
240
V
RDS(on)
6
W
ID
0.35
A
Feature
· N-Channel
· Enhancement mode
· Logic Level
· dv/dt rated
PG-SOT223
VPS05163
1
2
3
4
Marking
Type
Package
Tape and Reel Information
BSP89
PG-SOT223
L6327: 1000 pcs/reel
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
0.35
0.28
A
Pulsed drain current
TA=25°C
ID puls
1.4
Reverse diode dv/dt
IS=0.35A, VDS=192V, di/dt=200A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
ESD
class (JESD22-A114-HBM)
1A (>250V, <500V)
Power dissipation
TA=25°C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
• Pb-free lead plating; RoHS compliant
BSP89
• ee lead plating; RoHS compliant
Qualified according to AEC Q101
Packaging
Non dry
4.5V rated


Similar Part No. - BSP89

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP89 PHILIPS-BSP89 Datasheet
59Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Siemens Semiconductor G...
BSP89 SIEMENS-BSP89 Datasheet
172Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Nexperia B.V. All right...
BSP89 NEXPERIA-BSP89 Datasheet
173Kb / 9P
N-channel enhancement mode vertical D-MOS transistor
2001 May 18
logo
TECH PUBLIC Electronics...
BSP89-TP TECHPUBLIC-BSP89-TP Datasheet
2Mb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - BSP89

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com