Electronic Components Datasheet Search
  English  ▼

X  

BTS282Z Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG BTS282Z Datasheet HTML 10Page - Infineon Technologies AG BTS282Z Datasheet HTML 11Page - Infineon Technologies AG BTS282Z Datasheet HTML 12Page - Infineon Technologies AG BTS282Z Datasheet HTML 13Page - Infineon Technologies AG BTS282Z Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
11
Rev.1.2, 2009-07-31
Speed TEMPFET
BTS 282 Z
Package Outlines
1
Package Outlines
Figure 1
PG-TO220-7-3 (Please Insert Package Long Name!)
Figure 2
PG-TO220-7-180
4.4
1)
Shear and punch direction no burrs this surface.
±0.2
9.5
A
6.6
7.5
±0.2
9.9
B
0...0.15
6x 1.27
±0.1
7x
0.6
M
0.25
A
C
0.05
C
-0.02
1.3
+0.1
B
All metal surfaces tin plated, except area of cut.
1)
Back side, heatsink contour
8.4
2.4
±0.1
±0.3
±0.3
4.5
0.5
1.27
0.6
6 x 1.27 = 7.62
0.25 M
8
9.9
0.1
4.4
2.4
0.5
1)
+0.1
-0.03
AB
-0.02
1.3
+0.1
+0.15
6.6
7.5
B
A
0.05
0.1 B
0 ... 0.15
5
+3
1) Shear and punch direction no burrs this surface
All metal surfaces tin plated, except area of cut
Back side, heatsink contour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com