Electronic Components Datasheet Search
  English  ▼

X  

LMX321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  LMX321_06 Datasheet HTML 1Page - Maxim Integrated Products LMX321_06 Datasheet HTML 2Page - Maxim Integrated Products LMX321_06 Datasheet HTML 3Page - Maxim Integrated Products LMX321_06 Datasheet HTML 4Page - Maxim Integrated Products LMX321_06 Datasheet HTML 5Page - Maxim Integrated Products LMX321_06 Datasheet HTML 6Page - Maxim Integrated Products LMX321_06 Datasheet HTML 7Page - Maxim Integrated Products LMX321_06 Datasheet HTML 8Page - Maxim Integrated Products LMX321_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
5
0
40
20
80
60
100
120
140
160
02
3
14
5
6
7
SUPPLY CURRENT PER AMPLIFIER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-40
-10 5
-25
203550658095 110 125
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-20
-17
-18
-19
-15
-16
-11
-12
-13
-14
-10
VCC = +5V, VIN = VCC/2
INPUT BIAS CURRENT
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (V)
4
3
-4
-3
-2
0
1
-1
2
-300
-200
-100
0
100
200
300
400
-400
-5
5
VCC = 5V
100
10
1
0.1
0.01
0.01
1
0.1
10
SOURCE CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE REFERENCED TO VCC (V)
VCC = 2.7V
100
10
1
0.1
0.01
0.01
1
0.1
10
SOURCE CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE REFERENCED TO VCC (V)
VCC = 5V
100
10
1
0.1
0.01
0.001
0.01
1
0.1
10
SINK CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE REFERENCED TO VEE (V)
VCC = 2.7V
100
10
1
0.1
0.01
0.001
0.01
1
0.1
10
SINK CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE REFERENCED TO VEE (V)
VCC = 5V
20
30
40
50
60
70
80
90
100
24
35
6
7
OUTPUT VOLTAGE SWING
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL = 2kΩ
POSITIVE SWING
(VCC - VOH)
NEGATIVE SWING (VOL)
5
15
10
25
20
30
35
25
6
34
7
OUTPUT VOLTAGE SWING
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL = 10kΩ
POSITIVE SWING
(VCC - VOH)
NEGATIVE SWING (VOL)
Typical Operating Characteristics
(TA = +25°C, VEE = 0V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com