Electronic Components Datasheet Search
  English  ▼

X  

LMX321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products LMX321 Datasheet HTML 10Page - Maxim Integrated Products LMX321 Datasheet HTML 11Page - Maxim Integrated Products LMX321 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
8
_______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0V, unless otherwise noted.)
PIN
LMX321
LMX358
LMX324
NAME
FUNCTION
1
—
—
IN+
Noninverting Amplifier Input
2
4
11
VEE
Negative Supply. Connect to ground for single-supply
operation.
3
—
—
IN-
Inverting Amplifier Input
4
—
—
OUT
Output
58
4
VCC
Positive Supply
—
1
1
OUT1
Output for Amplifier 1
—
2
2
IN1-
Inverting Input for Amplifier 1
—
3
3
IN1+
Noninverting Input for Amplifier 1
—
7
7
OUT2
Output for Amplifier 2
—
6
6
IN2-
Inverting Input for Amplifier 2
—
5
5
IN2+
Noninverting Input for Amplifier 2
—
—
8
OUT3
Output for Amplifier 3
—
—
9
IN3-
Inverting Input for Amplifier 3
—
—
10
IN3+
Noninverting Input for Amplifier 3
—
—
14
OUT4
Output for Amplifier 4
—
—
13
IN4-
Inverting Input for Amplifier 4
—
—
12
IN4+
Noninverting Input for Amplifier 4
-40
-10 5
20
-25
35 50
95
80
110
65
125
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE (SINKING)
TEMPERATURE (°C)
0
5
15
10
30
35
25
20
40
VCC = 5V
VCC = 2.7V
-40
-10 5
20
-25
35 50
95
80
110
65
125
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE (SOURCING)
TEMPERATURE (°C)
0
5
15
10
30
35
25
20
40
VCC = 5V
VCC = 2.7V
0.001
0.01
10
1
100
1000
100
10k
1k
100k
1M
10M
100M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V TO 5V
AVCL = +1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com