Electronic Components Datasheet Search
  English  ▼

X  

LMX324 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # LMX324
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX324 Datasheet(HTML) 4 Page - Maxim Integrated Products

  LMX324 Datasheet HTML 1Page - Maxim Integrated Products LMX324 Datasheet HTML 2Page - Maxim Integrated Products LMX324 Datasheet HTML 3Page - Maxim Integrated Products LMX324 Datasheet HTML 4Page - Maxim Integrated Products LMX324 Datasheet HTML 5Page - Maxim Integrated Products LMX324 Datasheet HTML 6Page - Maxim Integrated Products LMX324 Datasheet HTML 7Page - Maxim Integrated Products LMX324 Datasheet HTML 8Page - Maxim Integrated Products LMX324 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0V, VOUT = VCC/2, VCM = 2V, RL > 1MΩ, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VOH
20
60
RL = 10kΩ to 2.5V
VOL
12
40
VCC - VOH
65
130
Output-Voltage Swing
VOUT
RL = 2kΩ to 2.5V
VOL
40
80
mV
Sourcing, VOUT = 0V
5
25
Output Short-Circuit Current
ISC
Sinking, VOUT = 5V
10
28
mA
LMX321 (single)
120
170
LMX358 (dual)
240
340
Supply Current
ICC
LMX324 (quad)
480
680
µA
AC CHARACTERISTICS
Slew Rate
SR
3V step input
1
V/µs
Gain-Bandwidth Product
GBW
CL = 200pF
1.3
MHz
Phase Margin
φM
65
degrees
Gain Margin
GM
25
dB
Input Noise-Voltage Density
en
f = 1kHz
65
nV/√Hz
Input Noise-Current Density
in
f = 1kHz
0.13
pA/√Hz
Note 1: Specifications are 100% tested at TA = +25°C (exceptions noted). All temperature limits are guaranteed by design.
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, VOUT = VCC/2, VCM = 2V, RL > 1MΩ, TA = -40°C to +125°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Offset Voltage
VOS
9mV
Input Bias Current
IB
70
nA
Input Offset Current
IOS
15
nA
Common-Mode Rejection Ratio
CMRR
-0.1 < VCM < +4.0V
63
dB
Power-Supply Rejection Ratio
PSRR
2.3V < VCC < 7V, VOUT = 1V, VCM = 1V
75
dB
Limit
-0.1
+4.0
Input Common-Mode Voltage
Range
VCM
For CMRR > 63dB
Typ
-0.1
+4.1
V
Large-Signal Voltage Gain
AVOL
RL = 2kΩ to VEE, 0.3V < VOUT < 4.7V
20
V/mV
VCC - VOH
170
RL = 10kΩ to 2.5V
VOL
70
VCC - VOH
190
Output-Voltage Swing
VOUT
RL = 2kΩ to 2.5V
VOL
90
mV
LMX321 (single)
210
LMX358 (dual)
420
Supply Current
ICC
LMX324 (quad)
840
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com