Electronic Components Datasheet Search
  English  ▼

X  

LMX321AXK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # LMX321AXK-T
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321AXK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button LMX321AXK-T Datasheet HTML 6Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 7Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 8Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 9Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 10Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 11Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 12Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 13Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Applications Information
Power-Up
The LMX321/LMX358/LMX324 outputs typically settle
within 10µs after power-up. Figure 6 shows the output
voltage on power-up and power-down.
Power Supplies and Layout
The LMX321/LMX358/LMX324 operate from a single
+2.3V to +7V power supply. Bypass the power supply
with a 0.1µF capacitor to ground as close to VCC as
possible.
Good layout techniques optimize performance by mini-
mizing the amount of stray capacitance at the op
amp’s inputs and outputs. Place external components
close to the op amp to minimize trace lengths and
stray capacitance.
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
10
______________________________________________________________________________________
Selector Guide
4µs/div
VOUT
1V/div
VCC
2V/div
Figure 6. Power-Up/Power-Down Waveform
PART
AMPLIFIERS PER
PACKAGE
TOP MARK
LMX321AXK-T
1
ACP
LMX321AUK-T
1
ADSQ
LMX358AKA-T
2
AAIR
LMX358ASA
2
—
LMX358AUA-T
2
—
LMX324ASD
4
—
LMX324AUD
4
—
RISO
CL
LMX321
LMX358
LMX324
Figure 5. Capacitive-Load-Driving Circuit With Isolation
Resistor
Chip Information
LMX321 TRANSISTOR COUNT: 88
LMX358 TRANSISTOR COUNT: 175
LMX324 TRANSISTOR COUNT: 349
PROCESS: Bipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com