Electronic Components Datasheet Search
  English  ▼

X  

DSA12TC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DSA12TC
Description  1.2A Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DSA12TC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DSA12TC Datasheet HTML 1Page - Sanyo Semicon Device DSA12TC Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - DSA12TC

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSA1206C101JN DUBILIER-DSA1206C101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSA1206C103JN DUBILIER-DSA1206C103JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSA1206C104JN DUBILIER-DSA1206C104JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSA1206X101JN DUBILIER-DSA1206X101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSA1206X103JN DUBILIER-DSA1206X103JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results

Similar Description - DSA12TC

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2537 ROHM-2SD2537 Datasheet
75Kb / 4P
Medium Power Transistor (25V, 1.2A)
2SD2537 ROHM-2SD2537_1 Datasheet
74Kb / 4P
Medium Power Transistor (25V, 1.2A)
2SD2537 ROHM-2SD2537_11 Datasheet
134Kb / 3P
Medium Power Transistor (25V, 1.2A)
2SD2537T100V ROHM-2SD2537T100V Datasheet
85Kb / 3P
Medium Power Transistor (25V, 1.2A)
logo
DONGGUAN YOU FENG WEI E...
TB1F-12-ABF YFWDIODE-TB1F-12-ABF Datasheet
419Kb / 3P
1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB12M DIODES-MSB12M Datasheet
394Kb / 5P
1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 4
logo
Taiwan Semiconductor Co...
S1DLS TSC-S1DLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
logo
SHIKUES Electronics
ABS1K SKTECHNOLGY-ABS1K Datasheet
289Kb / 3P
1.2A Surface Moumt Glass Passivated Bridge Rectifier
logo
Shenzhen Huazhimei Semi...
HM5919B HMSEMI-HM5919B Datasheet
793Kb / 12P
Ultra-high efficiency 1.2A charging 1.2A discharging mobile power SOC
logo
T&S Brass. All Rights R...
S1DLSH TS-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com