Electronic Components Datasheet Search
  English  ▼

X  

TLE4251 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4251
Description  Low Drop Voltage Tracker 400 mA output current capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4251 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4251 Datasheet HTML 1Page - Infineon Technologies AG TLE4251 Datasheet HTML 2Page - Infineon Technologies AG TLE4251 Datasheet HTML 3Page - Infineon Technologies AG TLE4251 Datasheet HTML 4Page - Infineon Technologies AG TLE4251 Datasheet HTML 5Page - Infineon Technologies AG TLE4251 Datasheet HTML 6Page - Infineon Technologies AG TLE4251 Datasheet HTML 7Page - Infineon Technologies AG TLE4251 Datasheet HTML 8Page - Infineon Technologies AG TLE4251 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Type
Package
TLE 4251 D
PG-TO252-5-11
TLE 4251 G
PG-TO263-5-1
Low Drop Voltage Tracker
TLE 4251
P-TO252-5-11
P-TO263-5-1
Data Sheet
1
Rev. 2.9, 2007-03-20
Features
•
Output tracking tolerance
≤ ±0.2%
•
400 mA output current capability
•
Enable Function
•
Very low current consumption in OFF mode
•
Wide operation range: up to 40 V
•
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
•
Output protected against short circuit
•
Overtemperature protection
•
Reverse polarity proof
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4251 is a monolithic integrated low drop voltage
tracker in the very small SMD package PG-TO252-5-1. It
is designed to supply e.g. sensors under the severe
conditions of automotive applications. Therefore the
device is equipped with additional protection functions against overload, short circuit and
reverse polarity.
Supply voltages up to 40 V are tracked to a reference voltage given to the adjust input
via an external resistor.
The output is able to drive loads up to 400 mA while it follows e.g. the 5 V output of a
main voltage regulator within an accuracy of 0.5%. For loads up to 300 mA the tracking
accuracy is 0.2%.
The TLE 4251 can be switched in stand-by mode via the enable EN input which causes
the current consumption to drop to very low values. This feature makes the IC suitable
for low power battery applications.


Similar Part No. - TLE4251

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251D INFINEON-TLE4251D Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251G INFINEON-TLE4251G Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
More results

Similar Description - TLE4251

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
ON Semiconductor
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
logo
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
50 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
250 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
70 mA Output Voltage Tracker
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com