Electronic Components Datasheet Search
  English  ▼

X  

TLE4252G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4252G
Description  Low Dropout Tracking Regulator 250 mA output current capability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4252G Datasheet HTML 4Page - Infineon Technologies AG TLE4252G Datasheet HTML 5Page - Infineon Technologies AG TLE4252G Datasheet HTML 6Page - Infineon Technologies AG TLE4252G Datasheet HTML 7Page - Infineon Technologies AG TLE4252G Datasheet HTML 8Page - Infineon Technologies AG TLE4252G Datasheet HTML 9Page - Infineon Technologies AG TLE4252G Datasheet HTML 10Page - Infineon Technologies AG TLE4252G Datasheet HTML 11Page - Infineon Technologies AG TLE4252G Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
8
Rev. 1.0, 2008-05-09
TLE 4252 G
Application Information
Figure 3
Application Circuit: Output Voltage < Reference Voltage
Figure 3 shows a typical application circuit with
V
Q < VREF. Of course, also VQ = VREF is
feasible by directly connecting the reference pin of the TLE 4252 D to the appropriate
voltage level without voltage divider.
The output voltage calculates to:
(1)
AEA03535.VSD
Main µC Supply
e.g.
TLE 4271-2
TLE 4278
TLE 4470
etc.
GND
V
BAT
I
Q
R
1ADJ
R
2ADJ
µC
e.g. C167
V
DD
TLE 4252 D
GND
EN
Q
ADJ
I
V
Q < VREF
4
1
5
I/O
V
Q
V
REF
R
2ADJ
R
1ADJ
R
2ADJ
+
------------------------------------


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com