Electronic Components Datasheet Search
  English  ▼

X  

MAX205 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX205
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX205 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX205 Datasheet HTML 15Page - Maxim Integrated Products MAX205 Datasheet HTML 16Page - Maxim Integrated Products MAX205 Datasheet HTML 17Page - Maxim Integrated Products MAX205 Datasheet HTML 18Page - Maxim Integrated Products MAX205 Datasheet HTML 19Page - Maxim Integrated Products MAX205 Datasheet HTML 20Page - Maxim Integrated Products MAX205 Datasheet HTML 21Page - Maxim Integrated Products MAX205 Datasheet HTML 22Page - Maxim Integrated Products MAX205 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
19
MAX211 Pin Configuration/Typical Operating Circuit
GND
T1OUT
T3OUT
T4OUT
T2OUT
+5V
+5V
+5V
+5V
T1IN
T2IN
T3IN
T4IN
7
6
20
21
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS
10
28
1
3
2
T1
T2
T3
T4
R1OUT
R1IN
R2IN
R3IN
R4IN
R5IN
SHDN
R2OUT
R3OUT
R4OUT
R5OUT
EN
8
5
26
22
19
24
25
9
4
27
23
18
R1
R2
R3
R4
R5
TOP VIEW
5kI
5kI
5kI
5kI
5kI
28
27
26
25
24
23
21
1
2
3
4
5
6
8
T4OUT
R3IN
R3OUT
SHDN
R2IN
T2OUT
T1OUT
T3OUT
R4IN
T4IN
R1OUT
T2IN
22
7
R4OUT
T1IN
19
10
R5OUT
GND
20
9
T3IN
R1IN
17
12
V-
C1+
18
11
R5IN
VCC
15
14
C2+
C1-
16
13
C2-
V+
R2OUT
SO/SSOP
+5V INPUT
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
C1+
C1-
C2+
C2-
11
13
12
0.1FF
+6.3V
0.1FF
+16V
0.1FF
+16V
0.1FF
+6.3V
V+
V-
14
15
16
17
VCC
EN
400kI
400kI
400kI
400kI
0.1FF
MAX211
MAX211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com