Electronic Components Datasheet Search
  English  ▼

X  

MAX211 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX211
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX211 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX211 Datasheet HTML 15Page - Maxim Integrated Products MAX211 Datasheet HTML 16Page - Maxim Integrated Products MAX211 Datasheet HTML 17Page - Maxim Integrated Products MAX211 Datasheet HTML 18Page - Maxim Integrated Products MAX211 Datasheet HTML 19Page - Maxim Integrated Products MAX211 Datasheet HTML 20Page - Maxim Integrated Products MAX211 Datasheet HTML 21Page - Maxim Integrated Products MAX211 Datasheet HTML 22Page - Maxim Integrated Products MAX211 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
22
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character,
but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
14 CDIP
J14-3
21-0045
16 CDIP
J16-3
21-0045
20 CDIP
J20-2
21-0045
24 CDIP
R24-4
21-0045
14 PDIP
P14-3
21-0043
16 PDIP
P16-1
21-0043
20 PDIP
P20-3
21-0043
24 PDIP
N24-2
21-0043
24 PDIP
N24-3
21-0043
24 PDIP
P24-1
21-0044
24 PDIP
P24M-1
21-0044
16 SO
S16-3
21-0041
16 SO
W16-3
21-0042
16 SO
W16-1
21-0042
20 SO
W20M-1
21-0042
20 SO
W20-3
21-0042
24 SO
W24-2
21-0042
28 SO
W28-1
21-0042
28 SO
W28-2
21-0042
24 SSOP
A24-3
21-0056
24 SSOP
A24-2
21-0056
28 SSOP
A28-1
21-0056
16 TSSOP
U16-1
21-0066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com