Electronic Components Datasheet Search
  English  ▼

X  

IPT1206-CEF Datasheet(PDF) 1 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPT1206-CEF
Description  High current density due to double mesa technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT1206-CEF Datasheet(HTML) 1 Page - IP SEMICONDUCTOR CO., LTD.

  IPT1206-CEF Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IP Semiconductor Co., Ltd.
IPT1206-xxF
High current density due to double mesa technology; SIPOS
and Glass Passivation. IPT1206-xx series are suitable for
general purpose AC Switching. They can be used as an
ON/OFF function In application such as static relays,
heating regulation, Induction motor stating circuits… or
for phase Control operation light dimmers, motor speed
Controllers.
The IPT1206-xxF(Insulated version) series are isolated
internally, they provided a 2500V RMS isolation voltage from
all three terminals to external heatsink..
Symbol
Value
Unit
IT(RMS)
12
A
VDRM / VRRM
600
V
VTM
≤ 1.55
V
MAIN FEATURES
Parameter
Symbol
Value
Unit
Storage Junction Temperature Range
Operating Junction Temperature Range
Tstg
Tj
-40 to +150
-40 to +125
℃
Repetitive Peak Off-state Voltage
Tj = 25℃
Repetitive Peak Reverse Voltage
VDRM
VRRM
600
600
V
Non Repetitive Peak Off-state Voltage
Tj = 25℃
Non Repetitive Peak Reverse Voltage
VDSM
VRSM
700
700
V
RMS on
–state current
Tc = 79 ℃
(Full sine wave)
IT(RMS)
12
A
Non repetitive surge peak on
–state Current f = 60Hz t = 16.7ms
(full cycle, Tj = 25℃)
f = 50 Hz t = 20ms
ITSM
126
120
A
I²t Value for fusing
tp = 10ms
I²t
78
A²s
Critical Rate of rise of on-state current
IG = 2xIGT,
tr ≤ 100ns, f = 120Hz, Tj = 125 ℃
dI / dt
50
A/us
Peak gate current
tp = 20us, Tj = 125 ℃
IGM
4
A
Average gate power dissipation
Tj = 125 ℃
PG(AV)
1
W
ABSOLUTE MAXIMUM RATINGS
1
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
TEL : +82-70 - 7574 - 2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com


Similar Part No. - IPT1206-CEF

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT1206-CEA IPS-IPT1206-CEA Datasheet
226Kb / 4P
High current density due to double mesa technology
IPT1206-CEB IPS-IPT1206-CEB Datasheet
226Kb / 4P
High current density due to double mesa technology
More results

Similar Description - IPT1206-CEF

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT04Q06-TED IPS-IPT04Q06-TED Datasheet
228Kb / 5P
High current density due to double mesa technology
IPT04Q08-TED IPS-IPT04Q08-TED Datasheet
228Kb / 5P
High current density due to double mesa technology
IPT08Q08-CEA IPS-IPT08Q08-CEA Datasheet
214Kb / 4P
High current density due to double mesa technology
IPT08Q08-CED IPS-IPT08Q08-CED Datasheet
215Kb / 5P
High current density due to double mesa technology
IPT12Q08-CEF IPS-IPT12Q08-CEF Datasheet
235Kb / 4P
High current density due to double mesa technology
IPT20Q06-TEA IPS-IPT20Q06-TEA Datasheet
208Kb / 4P
High current density due to double mesa technology
IPT20Q08-TEA IPS-IPT20Q08-TEA Datasheet
208Kb / 4P
High current density due to double mesa technology
IPT0406-18F IPS-IPT0406-18F Datasheet
432Kb / 4P
High current density due to double mesa technology
IPT0408-05D IPS-IPT0408-05D Datasheet
228Kb / 5P
High current density due to double mesa technology
IPT0408-05I IPS-IPT0408-05I Datasheet
230Kb / 4P
High current density due to double mesa technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com